Electronic Components Datasheet Search
  English  ▼

X  

ARM720T Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 45Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 46Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 47Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 48Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 49Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 50Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 51Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 52Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 242 page
background image
Programmer’s Model
ARM DDI 0192A
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
2-13
2.7
The program status registers
The ARM720T contains a CPSR, and five SPSRs for use by exception handlers. These
registers:
•
hold information about the most recently performed ALU operation
•
control the enabling and disabling of interrupts
•
set the processor operating mode.
The arrangement of bits is shown in Figure 2-6.
Figure 2-6 Program status register format
2.7.1
The condition code flags
The N, Z, C, and V bits are the condition code flags. These can be changed as a result
of arithmetic and logical operations, and tested to determine whether an instruction
executes.
In ARM state, all instructions can be executed conditionally. In Thumb state, only the
Branch instruction is capable of conditional execution. See the ARM Architecture
Reference Manual for details.
2.7.2
The control bits
The bottom eight bits of a PSR (incorporating I, F, T, and M[4:0]) are known
collectively as the control bits. These change when an exception arises. If the processor
is operating in a privileged mode, they can also be manipulated by software.
I and F bits
These are the interrupt disable bits. When set, these disable the
IRQ and FIQ interrupts respectively.
31 30 29 28 27 26 25 24 23
8 7 6
4 3 2 1 0
Reserved
Condition
code flags
Control bits
Mode bits
State bit
FIQ disable
IRQ disable
Overflow
Carry or borrow or extend
Zero
Negative or less than
5
N Z C V ·
·
·
·
·
·
I F
M4 M3 M2 M1 M0
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com