Electronic Components Datasheet Search
  English  ▼

X  

ARM720T Datasheet(PDF) 88 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 88 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 84Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 85Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 86Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 87Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 88Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 89Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 90Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 91Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 92Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 242 page
background image
Memory Management Unit
6-6
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
ARM DDI 0192A
6.3.2
Level 1 fetch
Bits [31:14] of the TTB register are concatenated with bits [31:20] of the virtual address
to produce a 30-bit address. This address selects a 4-byte translation table entry that is
a first level descriptor for either a section or a page. Bit 1 of the returned descriptor
specifies whether it is for a section or page. This is shown in Figure 6-2.
.
Figure 6-2 Accessing the translation table first level descriptors
31
20 19
00
Table index
Section index
31
14 13
00
Translation base
SBZ
31
14 13
02 01 00
Translation base
Table index
31
00
Virtual address
Translation table base
First level descriptor
0 0
18
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com