Electronic Components Datasheet Search
  English  ▼

X  

CM44P Datasheet(PDF) 33 Page - Endress+Hauser Group Services AG

Part # CM44P
Description  Universal four-wire multichannel controller for process photometers and Memosens sensors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM44P Datasheet(HTML) 33 Page - Endress+Hauser Group Services AG

Back Button CM44P Datasheet HTML 29Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 30Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 31Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 32Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 33Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 34Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 35Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 36Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 37Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
Liquiline CM44P
Endress+Hauser
33
Memosens Connection via M12 plug-in connector (field device only)
Only for connection in non-hazardous area.
Sensor 1
PK
GY
GN
YE
BN
WH
1
A0018019
 22
M12 plug-in connector (e.g. at
sensor module)
1
Sensor cable with M12 plug
6
4
1
NC
2
3
5
7
4
6
2
NC
1
7
5
3
A0018021
 23
M12 assignment Top: socket
Bottom: plug (top view in
each case)
1
PK (24 V)
2
GY (Ground 24 V)
3
BN (3 V)
4
WH (Ground 3 V)
5
GN (Memosens)
6
YE (Memosens)
7,
NC
Not connected
Device versions with a pre-
installed M12 socket are ready-
wired upon delivery.
Please note the following:
• The internal device wiring is
always the same regardless of
what kind of sensor you
connect to the M12 socket
(plug&play).
• The signal or power supply
cables are assigned in the
sensor head in such a way
that the PK and GY power
supply cables are either used
(e.g. optical sensors) or not
(e.g. pH or ORP sensors).
When connecting intrinsically safe sensors to transmitters with sensor communication module
type 2DS Ex i, the M12 plug-in connector is not permitted.
Connecting intrinsically safe sensors to sensor communication module type 2DS Ex i
Sensor cable connected directly
‣ Connect the sensor cable to the terminal connector of the sensor communication module 2DS Ex-
i.
BN
WH
GN
YE
Sensor
BN
WH
GN
YE
Sensor
2DS
Ex-i
A0045659
 24
Sensors without additional supply voltage at sensor communication module type 2DS Ex-i
Intrinsically safe sensors for use in explosive atmospheres may only be connected to the sensor
communication module type 2DS Ex-i. Only the sensors covered by the certificates may be
connected (see XA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com