Electronic Components Datasheet Search
  English  ▼

X  

CM44P Datasheet(PDF) 29 Page - Endress+Hauser Group Services AG

Part # CM44P
Description  Universal four-wire multichannel controller for process photometers and Memosens sensors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM44P Datasheet(HTML) 29 Page - Endress+Hauser Group Services AG

Back Button CM44P Datasheet HTML 25Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 26Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 27Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 28Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 29Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 30Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 31Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 32Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 33Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
Liquiline CM44P
Endress+Hauser
29
Module name
2AO
4AO
2AI
485
2DS Ex-i
A0046513
• 2 x 0/4 to 20 mA
analog outputs
• Order No.
71135632
• 4 x 0/4 to 20 mA
analog outputs
• Order No.
71135633
• 2 x 0/4 to 20mA
analog inputs
• Order No.
71135639
• Ethernet (web
server or Modbus
TCP)
• 5V power supply
for PROFIBUS DP
termination
• RS485 (PROFIBUS
DP or Modbus
RS485)
• Use of BASE2
module disables
Ethernet port of
module 485
• Order No.
71135634
• 2 intrinsically safe
digital inputs for
Memosens
sensors with Ex
approval
• Inputs on BASE2
module are
disabled
• Module 2DS EX-i
is equipped in the
right slot of the
device
• Order No.
71477718
31
31
32
32
+
+
–
1
2
–
31
31
32
32
+
+
–
1
2
–
31
31
32
32
+
+
–
3
4
–
23
23
24
24
+
+
–
1
2
–
81
82
1
2
4
8
16
32
64
128/SW
Service
DGND
VP
96'
95'
99'
Termi-
nation
DP/
RS485
96
95
99
87
88
97
98
87
88
97
98
4
4
A0046512
PROFIBUS DP (module 485)
Contacts 95, 96 and 99 are jumpered in the plug. This ensures that PROFIBUS communication
is not interrupted if the connector is disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com