Electronic Components Datasheet Search
  English  ▼

X  

CM44P Datasheet(PDF) 2 Page - Endress+Hauser Group Services AG

Part # CM44P
Description  Universal four-wire multichannel controller for process photometers and Memosens sensors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM44P Datasheet(HTML) 2 Page - Endress+Hauser Group Services AG

  CM44P Datasheet HTML 1Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 2Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 3Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 4Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 5Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 6Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 7Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 8Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
Liquiline CM44P
2
Endress+Hauser
Table of contents
Function and system design ................... 4
Measuring system with photometer ................. 4
Measuring system with optional Memosens sensors ...... 5
Application example ........................... 6
Equipment architecture ...................... 7
Slot and port assignment ........................ 7
Order of the modules ........................... 7
Basic rule for hardware upgrades ................... 8
Determining the hardware delivery status ............. 8
Terminal diagram ............................. 8
Device configuration using the example of a CM44P-** ... 10
Block circuit diagram of CM44P-** ................. 11
Communication and data processing ........... 12
Dependability ............................. 12
Reliability .................................
12
Maintainability .............................. 14
Security ................................... 17
Input .................................... 18
Measured variables ........................... 18
Measuring ranges ............................ 18
Types of input ............................... 18
Input signal ................................ 18
Cable specification ............................ 18
Digital inputs, passive ....................... 19
Electrical specification ......................... 19
Span ..................................... 19
Nominal input current ......................... 19
PFM function ............................... 19
Test voltage ................................ 19
Cable specification ............................ 19
Current input, passive ....................... 19
Span ..................................... 19
Signal characteristic ........................... 19
Internal resistance ............................ 19
Test voltage ................................ 19
Output .................................. 19
Output signal ............................... 19
Signal on alarm .............................. 20
Load ..................................... 20
Linearization/transmission behavior ................ 20
Digital outputs, passive ..................... 21
Electrical specification ......................... 21
External power supply ......................... 21
PFM function ............................... 21
Auxiliary voltage ............................. 21
Test voltage ................................ 21
Cable specification ............................ 21
Current outputs, active ...................... 21
Span ..................................... 21
Signal characteristic ........................... 21
Electrical specification ......................... 21
Cable specification ............................ 21
Relay outputs ............................. 21
Electrical specification ......................... 21
Cable specification ............................ 22
Protocol-specific data ....................... 22
HART .................................... 22
PROFIBUS DP ............................... 23
Modbus RS485 .............................. 23
Modbus TCP ................................ 23
EtherNet/IP ................................ 23
PROFINET ................................. 24
Web server ................................. 25
Power supply ............................. 25
Supply voltage .............................. 25
Power consumption ........................... 25
Fuse ..................................... 25
Overvoltage protection ......................... 26
Cable entries (field device only) ................... 26
Cable specification ............................ 26
Electrical connection .......................... 27
Connecting optional modules ..................... 28
Protective ground connection ....................
30
Sensor connection ............................ 30
Performance characteristics .................. 34
Response time .............................. 34
Reference temperature ......................... 34
Measured error for sensor inputs .................. 34
Measured error for current inputs and outputs ......... 34
Frequency tolerance of digital inputs and outputs ....... 34
Resolution of current inputs and outputs ............. 34
Repeatability ............................... 34
Mounting ................................ 35
Mounting requirements ........................ 35
Installation ................................. 36
Mounting on DIN rail as per IEC 60715 .............. 37
Wall mounting .............................. 38
Mounting the external display .................... 39
Environment .............................. 39
Ambient temperature .......................... 39
Storage temperature .......................... 39
Relative humidity ............................ 39
Degree of protection .......................... 39
Climate class (cabinet device only) ................. 40
Vibration resistance ........................... 40
Electromagnetic compatibility .................... 40
Electrical safety .............................. 40
Pollution degree ............................. 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com