Electronic Components Datasheet Search
  English  ▼

X  

CM44P Datasheet(PDF) 21 Page - Endress+Hauser Group Services AG

Part # CM44P
Description  Universal four-wire multichannel controller for process photometers and Memosens sensors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM44P Datasheet(HTML) 21 Page - Endress+Hauser Group Services AG

Back Button CM44P Datasheet HTML 17Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 18Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 19Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 20Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 21Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 22Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 23Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 24Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 25Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Liquiline CM44P
Endress+Hauser
21
Digital outputs, passive
Electrical specification
• Passive
• Open collector, max. 30 V, 15 mA
• Maximum voltage drop 3 V
External power supply
When using an onsite auxiliary voltage supply and an onsite digital input:
Recommended minimum auxiliary voltage = 3 V + VIHmin
(VIHmin = minimum input voltage required (high-level input voltage)
PFM function
Minimum pulse width: 500 µs (1 kHz)
Auxiliary voltage
Electrical specification
• Galvanically isolated
• Unregulated, 24 V DC
• Max. 50 mA (per DIO module)
Test voltage
500 V
Cable specification
Max. 2.5 mm2 (14 AWG)
Current outputs, active
Span
0 to 23 mA
2.4 to 23 mA for HART communication
Signal characteristic
Linear
Electrical specification
Output voltage
Max. 24 V
Test voltage
500 V
Cable specification
Cable type
Recommended: shielded cable
Cable specification
Max. 2.5 mm2 (14 AWG)
Relay outputs
Electrical specification
Relay types
• 1 single-pin changeover contact (alarm relay)
• 2 or 4 single-pin changeover contacts (optional with extension modules)
Maximum load
• Alarm relay: 0.5 A
• All other relays: 2.0 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com