Electronic Components Datasheet Search
  English  ▼

X  

CM44P Datasheet(PDF) 23 Page - Endress+Hauser Group Services AG

Part # CM44P
Description  Universal four-wire multichannel controller for process photometers and Memosens sensors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM44P Datasheet(HTML) 23 Page - Endress+Hauser Group Services AG

Back Button CM44P Datasheet HTML 19Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 20Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 21Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 22Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 23Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 24Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 25Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 26Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 27Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
Liquiline CM44P
Endress+Hauser
23
PROFIBUS DP
Manufacturer ID
11h
Device type
155Dh
Profile version
3.02
GSD files
www.endress.com/profibus
Device Integration Manager DIM
Output values
16 AI blocks, 8 DI blocks
Input variables
4 AO blocks, 8 DO blocks
Supported features
• 1 MSCY0 connection (cyclical communication, master class 1
to slave)
• 1 MSAC1 connection (acyclical communication, master class 1
to slave)
• 2 MSAC2 connections (acyclical communication, master class
2 to slave)
• Device lock: The device can be locked using the hardware or
software.
• Addressing using DIL switches or software
• GSD, PDM DD, DTM
Modbus RS485
Protocol
RTU/ASCII
Function codes
03, 04, 06, 08, 16, 23
Broadcast support for function codes
06, 16, 23
Output data
16 measured values (value, unit, status), 8 digital values (value,
status)
Input data
4 setpoints (value, unit, status), 8 digital values (value, status),
diagnostic information
Supported features
Address can be configured using switch or software
Modbus TCP
TCP port
502
TCP connections
3
Protocol
TCP
Function codes
03, 04, 06, 08, 16, 23
Broadcast support for function codes
06, 16, 23
Output data
16 measured values (value, unit, status), 8 digital values (value,
status)
Input data
4 setpoints (value, unit, status), 8 digital values (value, status),
diagnostic information
Supported features
Address can be configured using DHCP or software
EtherNet/IP
Log
EtherNet/IP
ODVA certification
Yes
Device profile
Generic device (product type: 0x2B)
Manufacturer ID
0x049Eh
Device type ID
0x109Ch
Polarity
Auto-MIDI-X
Connections
CIP
12
I/O
6
Explicit message 6
Multicast
3 consumers
Minimum RPI
100 ms (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com