Electronic Components Datasheet Search
  English  ▼

X  

CM44P Datasheet(PDF) 19 Page - Endress+Hauser Group Services AG

Part # CM44P
Description  Universal four-wire multichannel controller for process photometers and Memosens sensors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM44P Datasheet(HTML) 19 Page - Endress+Hauser Group Services AG

Back Button CM44P Datasheet HTML 15Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 16Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 17Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 18Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 19Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 20Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 21Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 22Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 23Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
Liquiline CM44P
Endress+Hauser
19
Digital inputs, passive
Electrical specification
• drawing power (passive)
• Galvanically isolated
Span
• High: 11 to 30 V DC
• Low: 0 to 5 V DC
Nominal input current
max. 8 mA
PFM function
Minimum pulse width: 500 µs (1 kHz)
Test voltage
500 V
Cable specification
Max. 2.5 mm2 (14 AWG)
Current input, passive
Span
> 0 to 20 mA
Signal characteristic
Linear
Internal resistance
Non-linear
Test voltage
500 V
Output
Output signal
Depending on version:
• 2 x 0/4 to 20 mA, active, galvanically isolated from one another and from the sensor circuits
• 4 x 0/4 to 20 mA, active, galvanically isolated from one another and from the sensor circuits
• 6 x 0/4 to 20 mA, active, galvanically isolated from one another and from the sensor circuits
• 8 x 0/4 to 20 mA, active, galvanically isolated from one another and from the sensor circuits
• Optional HART communication (only via current output 1:1)
HART
Signal encoding
FSK ± 0.5 mA via current signal
Data transmission rate
1200 baud
Galvanic isolation
Yes
Load (communication resistor)
250 Ω
PROFIBUS DP/RS485
Signal encoding
EIA/TIA-485, PROFIBUS DP-compliant acc. to IEC 61158
Data transmission rate
9.6 kBd, 19.2 kBd, 45.45kBd, 93.75 kBd, 187.5 kBd, 500 kBd,
1.5 MBd, 6 MBd, 12 MBd
Galvanic isolation
Yes
Connectors
Spring terminal (max. 1.5 mm), bridged internally (T‐function),
optional M12
Bus termination
Internal slide switch with LED display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com