Electronic Components Datasheet Search
  English  ▼

X  

CM44P Datasheet(PDF) 31 Page - Endress+Hauser Group Services AG

Part # CM44P
Description  Universal four-wire multichannel controller for process photometers and Memosens sensors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM44P Datasheet(HTML) 31 Page - Endress+Hauser Group Services AG

Back Button CM44P Datasheet HTML 27Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 28Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 29Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 30Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 31Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 32Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 33Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 34Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 35Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
Liquiline CM44P
Endress+Hauser
31
Types of connection
• Direct connection of the sensor cable to the terminal connector of the sensor module PEM and the
Memosens module 2DS or the base module-E (→  18 ff.)(Memosens sensors only)
• Optional for Memosens sensors: Sensor cable plug connected to the M12 sensor socket on the
underside of the device (field device)
With this type of connection, the device is already wired at the factory (→  22).
Sensor cable connected directly
BN
WH
GN
YE
Sensor
A0039629
 18
Memosens sensors without additional supply
voltage
GN
YE
Sensor
PK
GY
A0039622
 19
Memosens sensors with additional supply
voltage
2DS
Sensor 1
Sensor 2
PK
GY
GN
YE
BN
WH
GN
YE
Sensor
Sensor
A0033206
 20
Sensors with and without additional supply
voltage at sensor module 2DS
A0028599
 21
PEM module
Connecting photometer sensors to PEM module
Sensor
Cable color
PEM terminal
Assignment
OUSAF11
OUSAF12
YE (thick)
P+
Lamp voltage +
YE (thin)
S+
Recording lamp voltage +
BK (thin)
S-
Recording lamp voltage -
BK (thick)
P-
Lamp voltage -
RD
A (1)
Sensor +
BK 1)/ WH 2)
C(1)
Sensor -
GY
SH (1)
Shielding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com