Electronic Components Datasheet Search
  English  ▼

X  

CM44P Datasheet(PDF) 14 Page - Endress+Hauser Group Services AG

Part # CM44P
Description  Universal four-wire multichannel controller for process photometers and Memosens sensors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM44P Datasheet(HTML) 14 Page - Endress+Hauser Group Services AG

Back Button CM44P Datasheet HTML 10Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 11Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 12Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 13Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 14Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 15Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 16Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 17Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 18Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
Liquiline CM44P
14
Endress+Hauser
USP and EP
The limit functions for pharmaceutical water in accordance with USP and EP specifications are
implemented in the software for conductivity measurements:
• "Water for Injection" (WFI) as per USP <645> and EP
• "Highly Purified Water" (HPW) as per EP
• "Purified Water" (PW) as per EP
The uncompensated conductivity value and the temperature are measured for the USP/EP limit
functions. The measured values are compared against the tables defined in the standards. An alarm
is triggered if the limit value is exceeded. Furthermore, it is also possible to configure an early
warning alarm that signals undesired operating states before they occur.
ChemocleanPlus
Freely programmable sequence control
• e.g. for automatic sensor cleaning in retractable assemblies for reliable measurement results in
processes with a high risk of contamination
• Individual, time-based activation of 4 outputs e.g. relays
• Starting, stopping or pausing of activities via digital input or fieldbus signals e.g. from limit
position switches
Maintainability
Modular design
The modular transmitter design means it can be easily adapted to suit your needs:
• Retrofit extension modules for new or extended range of functions, e.g. current outputs, relays and
digital communication
• Upgrade to maximum 2 photometers and 4 Memosens inputs
• Optional: M12 sensor connector for connecting any kind of Memosens sensor
• Optional: CDI connector for external access to the service interface (avoids having to unscrew the
housing cover)
A0034282
 7
CM44P: example
A0042346
 8
Extension module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com