Electronic Components Datasheet Search
  English  ▼

X  

CM44P Datasheet(PDF) 30 Page - Endress+Hauser Group Services AG

Part # CM44P
Description  Universal four-wire multichannel controller for process photometers and Memosens sensors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM44P Datasheet(HTML) 30 Page - Endress+Hauser Group Services AG

Back Button CM44P Datasheet HTML 26Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 27Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 28Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 29Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 30Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 31Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 32Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 33Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 34Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
Liquiline CM44P
30
Endress+Hauser
Protective ground connection
1
2
3
A0048299
 16
Cable mounting rail and associated function (field device)
A0025366
 17
Mounting rail for functional ground connections (cabinet device)
1
Cable mounting rail
3
Cable clamps (fixing and grounding the sensor
cables)
2
Threaded bolt (protective ground connection,
central grounding point)
Sensor connection
Sensor types for non-hazardous area
Photometer sensors
Sensor types
Sensor cable
Sensors
Analog photometer sensors without additional internal
power supply
CUK80
• OUSAF12
• OUSAF21
• OUSAF22
• OUSAF44
• OUSAF46
• OUSTF10
• OUSBT66
Fixed cable
OUSAF11
Sensors with Memosens protocol
Sensor types
Sensor cable
Sensors
Digital sensors without
additional internal power
supply
With plug-in
connection and
inductive signal
transmission
• pH sensors
• ORP sensors
• Combined sensors
• Oxygen sensors (amperometric and optical)
• Conductivity sensors with conductive measurement
of conductivity
• Chlorine sensors (disinfection)
Fixed cable
Conductivity sensors with inductive measurement of
conductivity
Digital sensors with
additional internal power
supply
Fixed cable
• Turbidity sensors
• Sensors for interface measurement
• Sensors for measuring the spectral absorption
coefficient (SAC)
• Nitrate sensors
• Optical oxygen sensors
• Ion-sensitive sensors
The following rule applies if connecting CUS71D sensors:
• The maximum number of Memosens inputs is limited to two.
• Any combination of CUS71D or other sensors is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com