Electronic Components Datasheet Search
  English  ▼

X  

CM44P Datasheet(PDF) 8 Page - Endress+Hauser Group Services AG

Part # CM44P
Description  Universal four-wire multichannel controller for process photometers and Memosens sensors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM44P Datasheet(HTML) 8 Page - Endress+Hauser Group Services AG

Back Button CM44P Datasheet HTML 4Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 5Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 6Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 7Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 8Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 9Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 10Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 11Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 12Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
Liquiline CM44P
8
Endress+Hauser
Basic rule for hardware
upgrades
Please note the following if upgrading the device:
• The sum of all current inputs and outputs may not exceed 8!
• A maximum of two "DIO" modules may be used.
Determining the hardware
delivery status
You must be aware of the type of modules and the number of them supplied with the device you
have ordered to determine the delivery status of your Liquiline.
• Basic module
One basic module in all versions. Always occupies slots 0 and 1.
• Fieldbus module
Optional, and only one fieldbus module is possible.
• Input modules
• Must be clearly assigned to the number of optional inputs ordered.
• Examples:
2 current inputs = module 2AI
2 inputs for photometer sensors = module PEM
4 Memosens inputs = 2 inputs with basic module + module 2DS with 2 further inputs
• Current outputs and relays
Various module combinations can exist.
The following table will help you determine which modules your device has, depending on the type
and number of outputs.
Current outputs
Relays
0
2
4
2
-
1 x 2R
1 x 4R
4
1 x 2AO
1 x AOR
1 x 2AO + 1 x 4R
6
1 x 4AO
1 x 4AO + 1 x 2R
1 x 4AO + 1 x 4R
8
1 x 4AO + 1 x 2AO
1 x 4AO + 1 x 2AO + 1 x 2R
1 x 4AO + 1x 2AO + 1 x 4R
‣ Sum up the number of modules and sort them according to the specified sequence →  7.
 This will give you the slot assignment for your device.
Terminal diagram
The unique terminal name is derived from:
Slot no. : Port no. : Terminal
Example, NO contact of a relay
Device with 2 inputs for digital sensors, 4 current outputs and 4 relays
• Base module BASE2-E (contains 2 sensor inputs, 2 current outputs)
• PEM module (1 photometer sensor)
• 2AO module (2 current outputs)
• 4R module (4 relays)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com