Electronic Components Datasheet Search
  English  ▼

X  

CM44P Datasheet(PDF) 25 Page - Endress+Hauser Group Services AG

Part # CM44P
Description  Universal four-wire multichannel controller for process photometers and Memosens sensors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM44P Datasheet(HTML) 25 Page - Endress+Hauser Group Services AG

Back Button CM44P Datasheet HTML 21Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 22Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 23Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 24Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 25Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 26Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 27Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 28Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 29Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
Liquiline CM44P
Endress+Hauser
25
Supported functions
• Identification & Maintenance
Simple device identification via:
• Process control system
• Nameplate
• Measured value status
The process variables are communicated with a measured
value status
• Blinking feature (FLASH_ONCE) via the local display for
simple device identification and assignment
• Device operation via operating tools (e.g. FieldCare,
DeviceCare)
System integration
For information on system integration, see the Operating
Instructions
• Cyclic data transmission
• Overview and description of the modules
• Status coding
• Startup configuration
• Factory setting
Web server
The Web server enables full access to the device configuration, measured values, diagnostic
messages, logbooks and service data via standard WiFi/WLAN/LAN/GSM or 3G routers with a user-
defined IP address.
TCP port
80
Supported features
• Remote-controlled device configuration(1 session)
• Save/restore device configuration (via SD card)
• Logbook export (file formats: CSV, FDM)
• Access to Web server via DTM or Internet Explorer
• Login
• Web server can be switched off
Power supply
Supply voltage
CM44P
Depending on the version,:
• 100 to 230 V AC, 50/60 Hz
Maximum permitted fluctuation of mains supply voltage: ± 15 % of nominal voltage 1)
• 24 V DC
Maximum permitted fluctuation of mains supply voltage: + 20/- 15 % of nominal voltage 1)
NOTICE
The device does not have a power switch!
‣ Provide a protected circuit breaker in the vicinity of the device at the place of installation.
‣ The circuit breaker must be a switch or power switch, and must be labeled as the circuit breaker
for the device.
‣ At the supply point, the power supply must be isolated from dangerous live cables by double or
reinforced insulation in the case of devices with a 24 V supply voltage.
Power consumption
CM44P
Depending on supply voltage
• 100 to 230 V AC:
Max. 73 VA (field device)
Max. 150 VA (cabinet device) 1)
• 24 V DC:
Max. 68 W (field device)
Max. 59 W (cabinet device) 1)
Fuse
Fuse not exchangeable
1)
*Specifications only apply if used with power unit supplied by manufacturer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com