Electronic Components Datasheet Search
  English  ▼

X  

CM44P Datasheet(PDF) 40 Page - Endress+Hauser Group Services AG

Part # CM44P
Description  Universal four-wire multichannel controller for process photometers and Memosens sensors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM44P Datasheet(HTML) 40 Page - Endress+Hauser Group Services AG

Back Button CM44P Datasheet HTML 36Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 37Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 38Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 39Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 40Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 41Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 42Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 43Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 44Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
Liquiline CM44P
40
Endress+Hauser
External display
IP66 front-panel, when installed correctly including seal for housing door
Field device
IP 66/67, impermeability and corrosion resistance in accordance with NEMA TYPE 4X
Climate class (cabinet device
only)
As per IEC 60654-1: B2
Vibration resistance
Environmental tests
Vibration test based on DIN EN 60068-2, October 2008
Vibration test based on DIN EN 60654-3, August 1998
Post or pipe mounting
Frequency range
10 to 500 Hz (sinusoidal)
Amplitude
10 to 57.5 Hz:
57.5 to 500 Hz:
0.15 mm
2 g 1)
Test duration
10 frequency cycles/ spatial axis, in 3 spatial axes (1 oct./min)
Wall mounting
Frequency range
10 to 150 Hz (sinusoidal)
Amplitude
10 to 12.9 Hz:
12.9 to 150 Hz:
0.75 mm
0.5 g 1)
Test duration
10 frequency cycles/ spatial axis, in 3 spatial axes (1 oct./min)
1)
g ... gravitational acceleration (1 g ≈ 9.81 m/s2)
Electromagnetic
compatibility
Interference emission and interference immunity as per EN 61326-1:2013, Class A for Industry
Electrical safety
Cabinet device
IEC 61010-1, Class I equipment
Low voltage: overvoltage category II
Environment < 2000 m (< 6562 ft) above MSL
Field device
IEC 61010-1, Class I equipment
Low voltage: overvoltage category II
Environment < 3000 m (< 9840 ft) above MSL
Pollution degree
cabinet device
The product is suitable for pollution degree 2.
Optional display (for cabinet device)
The product is suitable for pollution degree 4.
Field device
The product is suitable for pollution degree 4.
Pressure compensation to
environment (field device
only)
Filter made of GORE-TEX used as pressure compensation element
Ensures pressure compensation to environment and guarantees IP protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com