Electronic Components Datasheet Search
  English  ▼

X  

CM44P Datasheet(PDF) 13 Page - Endress+Hauser Group Services AG

Part # CM44P
Description  Universal four-wire multichannel controller for process photometers and Memosens sensors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM44P Datasheet(HTML) 13 Page - Endress+Hauser Group Services AG

Back Button CM44P Datasheet HTML 9Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 10Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 11Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 12Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 13Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 14Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 15Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 16Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 17Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Liquiline CM44P
Endress+Hauser
13
Heartbeat and NAMUR category
The Heartbeat status indicates the sensor or device condition while the NAMUR categories (F, C, M,
S) assess the reliability of the measured value. The two conditions can correlate but do not have to.
• Example 1
• The number of remaining cleaning cycles for the sensor reaches 20% of the defined maximum
number. The Heartbeat symbol changes from
to . The measured value is still reliable so the
NAMUR status signal does not change.
• If the maximum number of cleaning cycles is exceeded, the Heartbeat symbol changes from
to . While the measured value can still be reliable, the NAMUR status signal changes to M
(maintenance required).
• Example 2
The sensor breaks. The Heartbeat status changes immediately from
to
and the NAMUR
status signal also changes immediately to F (failure).
Heartbeat Monitoring
Sensor data from Memosens sensors are transmitted via the EtherNet/IP, PROFINET, PROFIBUS DP,
HART, Modbus RTU and Modbus TCP fieldbus protocols. These data can be used for predictive
maintenance, for instance.
Examples include:
• Total hours of operation
• Hours of operation with very high or very low measured values
• Hours of operation at high temperatures
• Number of steam sterilizations
• Sensor identification
• Calibration information
For detailed information on "Ethernet/IP communication", see the product pages on the Internet
(→ SD01293C).
For detailed information on "Modbus communication", see the product pages on the Internet (→
SD01189C).
For detailed information on "PROFINET communication", see the product pages on the internet
(→ SD02490C).
For detailed information on "PROFIBUS communication", see the product pages on the Internet
(→ SD01188C).
More detailed information on HART communication is provided on the product pages on the
Internet (→ SD01187C).
Heartbeat Verification
Heartbeat Verification makes it possible to verify the correct operation of the measuring device
without interrupting the process. This verification can be documented anytime.
Sensor Check System (SCS)
The Sensor Check System (SCS) monitors the high impedance of the pH glass. An alarm is issued if a
minimum impedance value is undershot or a maximum impedance is exceeded.
• Glass breakage is the main reason for a drop in high impedance values
• The reasons for increasing impedance values include:
• Dry sensor
• Worn pH glass membrane
Process Check System (PCS)
The process check system (PCS) checks the measuring signal for stagnation. An alarm is triggered if
the measuring signal does not change over a specific period (several measured values).
The main causes of stagnating measured values are:
• Contaminated sensor, or sensor outside of medium
• Sensor defective
• Process error (e.g. through control system)
Self-monitoring functions
Current inputs are deactivated in the event of overcurrent and reactivated once the overcurrent
stops. Board voltages are monitored and the board temperature is also measured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com