Electronic Components Datasheet Search
  English  ▼

X  

CM44P Datasheet(PDF) 12 Page - Endress+Hauser Group Services AG

Part # CM44P
Description  Universal four-wire multichannel controller for process photometers and Memosens sensors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM44P Datasheet(HTML) 12 Page - Endress+Hauser Group Services AG

Back Button CM44P Datasheet HTML 8Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 9Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 10Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 11Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 12Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 13Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 14Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 15Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 16Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
Liquiline CM44P
12
Endress+Hauser
Communication and data processing
Communication protocols:
Fieldbus systems
• HART
• PROFIBUS DP (Profile 3.02)
• Modbus TCP or RS485
• PROFINET
• EtherNet/IP
Only one type of fieldbus communication can ever be active. The last activation code entered
decides which bus is used.
The device drivers available make it possible to perform a basic setup and display measured
values and diagnostics information via the fieldbus. A full device configuration via the fieldbus
is not possible.
Extension module 485 and current outputs
For PROFIBUS DP and Modbus RS485 communication protocols:
A maximum of 2 current outputs can be used in parallel.
Ethernet functionality via Base2 module and current outputs
A maximum of 6 current outputs can be used in parallel.
Bus termination on the device
• Via slide switch at bus module 485
• Displayed via LED "T" on bus module 485
Dependability
Reliability
Memosens MEMO SENS
Memosens makes your measuring point safer and more reliable:
• Non-contact, digital signal transmission enables optimum galvanic isolation
• No contact corrosion
• Completely watertight
• Sensor can be calibrated in a lab, thus increasing the availability of the measuring point in the
process
• Intrinsically safe electronics mean operation in hazardous areas is not a problem.
• Predictive maintenance thanks to recording of sensor data, e.g.:
• Total hours of operation
• Hours of operation with very high or very low measured values
• Hours of operation at high temperatures
• Number of steam sterilizations
• Sensor condition
Heartbeat diagnostics
• Heartbeat diagnostics screen with graphic indicators for the health of the device and sensor and
with a maintenance or (sensor-dependent) calibration timer
• Heartbeat status information on the health of the device and the condition of the sensor
•
: Sensor/device condition or maintenance timer > 20 %; no action is required
•
: Sensor/device condition or maintenance timer > 5 ≤ 20 %, maintenance not yet urgent but
should be scheduled
•
: Sensor/device condition or maintenance timer < 5 %, maintenance is recommended
• The Heartbeat sensor condition is the assessment of the calibration results and the sensor
diagnostic functions.
An unhappy smiley can be due to the calibration result, the measured value status or to the
operating hours limit having been exceeded. These limits can be configured in the sensor setup in a
way that adapts the Heartbeat diagnostics to the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com