Electronic Components Datasheet Search
  English  ▼

X  

CM44P Datasheet(PDF) 39 Page - Endress+Hauser Group Services AG

Part # CM44P
Description  Universal four-wire multichannel controller for process photometers and Memosens sensors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM44P Datasheet(HTML) 39 Page - Endress+Hauser Group Services AG

Back Button CM44P Datasheet HTML 35Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 36Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 37Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 38Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 39Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 40Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 41Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 42Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 43Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Liquiline CM44P
Endress+Hauser
39
Mounting the external
display
The mounting plate also serves as the drilling template. The marks on the side help you mark
the position of the drill holes.
4 x min. Ø 8 (0.31)
min. Ø 15 (0.59)
105 (4.13)
140 (5.51)
a
b
b
A0025371
 33
Mounting plate of external display, dimensions in mm (in)
a
Retaining tab
b
Production-related recesses, no function for the user
Environment
Ambient temperature
Cabinet device
• Generally 0 to 50 ˚C (32 to 120 ˚F), with the exception of packages under the following point in
the list
• 0 to 45 ˚C (32 to 110 ˚F) for the following packages:
CM44P-**DINP2M4*A5FI******+...
External display (optional)
–20 to 60 ˚C (0 to 140 ˚F)
Field device
• Generally –20 to 50 ˚C (0 to 120 ˚F), with the exception of packages under the following point in
the list
• –20 to 45 ˚C (0 to 110 ˚F) for the following packages:
CM44P-**FIHP2M4*A5FI******+...
Storage temperature
Cabinet device
–25 to 85 °C (–13 to 185 °F)
Field device
-40 to +80 °C (-40 to 175 °F)
Relative humidity
Cabinet device
5 to 85%, not condensing
External display (in installed state)
5 to 95%, not condensing
Field device
10 to 95 %, non-condensating
Degree of protection
Cabinet device
IP20 shock protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com