Electronic Components Datasheet Search
  English  ▼

X  

CM44P Datasheet(PDF) 17 Page - Endress+Hauser Group Services AG

Part # CM44P
Description  Universal four-wire multichannel controller for process photometers and Memosens sensors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM44P Datasheet(HTML) 17 Page - Endress+Hauser Group Services AG

Back Button CM44P Datasheet HTML 13Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 14Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 15Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 16Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 17Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 18Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 19Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 20Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 21Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
Liquiline CM44P
Endress+Hauser
17
Concentration tables
When the device is delivered from the factory, tables are saved in the device that allow inductive
conductivity measurements to be converted to concentrations of certain substances. 4 user-defined
tables are also possible.
The following factory concentration tables are available:
NaOH
0 to 15 %
0 to 100 ˚C (32 to 212 ˚F)
NaOH
25 to 50%
2 to 80 ˚C (36 to 176 ˚F)
HCl
0 to 20 %
0 to 65 ˚C (32 to 149 ˚F)
HNO3
0 to 30 %
2 to 80 ˚C (36 to 176 ˚F)
H2SO4
0.5 to 27 % and 35 to 85 %
0 to 100 ˚C (32 to 212 ˚F)
H2SO4
93 to 100 %
10 to 115 ˚C (50 to 239 ˚F)
H3PO4
0 to 40 %
2 to 80 ˚C (36 to 176 ˚F)
NaCl
0 to 26 %
2 to 80 ˚C (36 to 176 ˚F)
Security
Real-time clock
The device has a real-time clock, which is buffered by a button cell battery if the power supply fails.
This ensures that the device continues to keep the correct date and time when it is restarted and that
the time stamp for the logbooks is correct.
Data security
All settings, logbooks etc. are stored in a non-volatile memory to ensure that the data are retained
even in the event of a disruption to the power supply.
Measuring range switching for conductivity
• Can be used in CIP processes e.g. for safe monitoring of phase separations
• Switching between 4 complete parameter sets:
• Conductivity operating mode
• Concentration tables
• Temperature compensation
• Output signal range
• Limit value switch
• Via digital inputs or fieldbus
Measured value compensation for oxygen and conductivity
• Pressure or temperature compensation
• Input signals from external sensors via current input or fieldbus
• Signals from connected temperature sensors
Password protection
Password-protected login
• For remote operation via web server
• For local operation
Process safety
Two independent PID controllers
• One- or two-sided control
• Limit switches
• 4 cleaning programs which can be programmed independently of each other
IT security
Our warranty is valid only if the device is installed and used as described in the Operating
Instructions. The device is equipped with security mechanisms to protect it against any inadvertent
changes to the settings.
IT security measures, which provide additional protection for the device and associated data transfer,
must be implemented by the operators themselves in line with their security standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com