Electronic Components Datasheet Search
  English  ▼

X  

CM44P Datasheet(PDF) 22 Page - Endress+Hauser Group Services AG

Part # CM44P
Description  Universal four-wire multichannel controller for process photometers and Memosens sensors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM44P Datasheet(HTML) 22 Page - Endress+Hauser Group Services AG

Back Button CM44P Datasheet HTML 18Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 19Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 20Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 21Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 22Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 23Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 24Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 25Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 26Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
Liquiline CM44P
22
Endress+Hauser
Relay switching capacity
Base module (Alarm relay)
Switching voltage
Load (max.)
Switching cycles (min.)
230 V AC, cosΦ = 0.8 to 1
0.1 A
700,000
0.5 A
450,000
115 V AC, cosΦ = 0.8 to 1
0.1 A
1,000,000
0.5 A
650,000
24 V DC, L/R = 0 to 1 ms
0.1 A
500,000
0.5 A
350,000
Extension modules
Switching voltage
Load (max.)
Switching cycles (min.)
230 V AC, cosΦ = 0.8 to 1
0.1 A
700,000
0.5 A
450,000
2 A
120,000
115 V AC, cosΦ = 0.8 to 1
0.1 A
1,000,000
0.5 A
650,000
2 A
170,000
24 V DC, L/R = 0 to 1 ms
0.1 A
500,000
0.5 A
350,000
2 A
150,000
Cable specification
Max. 2.5 mm2 (14 AWG)
Protocol-specific data
HART
Manufacturer ID
11h
Device type
155Dh
Device revision
001h
HART version
7.2
Device description files (DD/DTM)
www.endress.com/hart
Device Integration Manager DIM
Device variables
16 user-definable and 16 predefined device variables, dynamic
variables PV, SV, TV, QV
Supported features
PDM DD, AMS DD, DTM, Field Xpert DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com