Electronic Components Datasheet Search
  English  ▼

X  

CM44P Datasheet(PDF) 44 Page - Endress+Hauser Group Services AG

Part # CM44P
Description  Universal four-wire multichannel controller for process photometers and Memosens sensors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM44P Datasheet(HTML) 44 Page - Endress+Hauser Group Services AG

Back Button CM44P Datasheet HTML 40Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 41Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 42Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 43Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 44Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 45Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 46Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 47Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 48Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
Liquiline CM44P
44
Endress+Hauser
Service display (accessories)
The service display comprises:
• Portable display (same dimensions as under "Optional display")
• Cover to protect the display and to hook it onto the (open) cabinet door
A
A
B
B
B-B
A-A
193 (7.60)
123 (4.84)
R1
6
13.5 (0.53)
36 (1.42)
40 (1.57)
47 (1.85)
144.5 (5.69)
A0025343
 41
Dimensions of the service display cover in mm (inch)
Weight
Field device
Complete device
Approx. 2.1 kg (4.63 lbs), depending on the version
Individual module
Approx. 0.06 kg (0.13 lbs)
Cabinet device
CM44P (fully configured)
Approx. 0.95 kg (2.1 lbs)
Individual module
Approx. 0.06 kg (0.13 lbs)
External display (excluding cables)
Approx. 0.56 kg (1.2 lbs)
Service display cover
0.46 kg (1 lbs)
External power unit
0.27 to 0.42 kg (0.60 to 0.92 lbs), depending on the power
unit variant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com