Electronic Components Datasheet Search
  English  ▼

X  

CM44P Datasheet(PDF) 7 Page - Endress+Hauser Group Services AG

Part # CM44P
Description  Universal four-wire multichannel controller for process photometers and Memosens sensors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM44P Datasheet(HTML) 7 Page - Endress+Hauser Group Services AG

Back Button CM44P Datasheet HTML 3Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 4Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 5Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 6Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 7Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 8Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 9Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 10Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 11Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
Liquiline CM44P
Endress+Hauser
7
Equipment architecture
Slot and port assignment
BASE2-E
Slots
Ports
2DS
2DS
2DS
2AI
2AO
4R
 3
Slot and port assignment of the hardware modules
 4
Slot and port assignment on the
display
• Inputs are assigned to measuring channels in the
ascending order of the slots and ports.
Adjacent example:
"CH1: 1:1 pH glass" means:
Channel 1 (CH1) is slot 1 (basic module) : Port 1 (input
1), pH glass sensor
• Outputs and relays are named according to their
function, e.g. "current output", and are displayed in
ascending order with the slot and port numbers
Order of the modules
Depending on the version ordered, the device is supplied with a number of electronic modules, which
are assigned in a specific sequence in ascending order to slots 0 to 7. If you do not have a particular
module, the next moves up automatically:
• The basic module (which is always present) always occupies slots 0 and 1
• Fieldbus module 485
• Photometer module PEM
• Memosens input module 2DS (DS = digital sensor)
• Extension module for digital inputs and outputs DIO (DIO = digital input and output)
• Current input module 2AI (AI = analog input)
• Current output modules 4AO or 2AO (AO = analog output)
• Relay modules AOR, 4R or 2R (AOR = analog output + relay, R = relay)
With intrinsically safe sensor communication module 2DS Ex-i:
• CM442/CM442R: always in slot 2
• CM444/CM444R: always in slot 7 (two channel) and slot 6 (four channel)
• CM448/CM448: slot 7, 6, 5
Modules with 4 ports are connected before modules of the same type with 2 ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com