Electronic Components Datasheet Search
  English  ▼

X  

CM44P Datasheet(PDF) 28 Page - Endress+Hauser Group Services AG

Part # CM44P
Description  Universal four-wire multichannel controller for process photometers and Memosens sensors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM44P Datasheet(HTML) 28 Page - Endress+Hauser Group Services AG

Back Button CM44P Datasheet HTML 24Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 25Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 26Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 27Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 28Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 29Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 30Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 31Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 32Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
Liquiline CM44P
28
Endress+Hauser
Connecting optional modules
With extension modules you can purchase additional functions for your device.
NOTICE
Unacceptable hardware combinations (due to conflicts in power supply)
Incorrect measurements or total failure of the measuring point as a result of heat build-up or
overloading
‣ Find out whether the planned extension for your controller results in a permitted hardware
combination (Configurator on www.endress.com).
‣ Remember that the sum of all current inputs and outputs may not exceed 8.
‣ Make sure not to use more than 2 "DIO" modules. More "DIO" modules are not permitted.
‣ Please contact your Endress+Hauser sales center should you have any questions.
Overview of all the modules available
Module name
AOR
2R
4R
2DS
DIO
• 2 x 0/4 to 20 mA
analog outputs
• 2 relays
• Order No.
71111053
• 2 relays
• Order No.
71125375
• 4 relays
• Order No.
71125376
• 2 digital sensor
inputs
• 2 power supply
systems for digital
sensors
• Order No.
71135631
• 2 digital inputs
• 2 digital outputs
with auxiliary
voltage
• Order No.
71135638
41
43
42
31
31
32
32
+
+
–
1
2
–
1
2
41
43
42
41
43
42
41
43
42
41
43
42
41
43
42
41
43
42
41
43
42
85
85
86
86
87
88
97
98
+
+
–
PK
GY
PK
GY
GY
1
2
–
BN
WH
GN
YE
+
–
A
B
87
88
97
98
BN
WH
GN
YE
+
–
A
B
47
47
48
48
+
+
–
1
2
–
1
2
1
2
+
–
–
+
+
–
+
–
45
46
45
46
91
92
91
92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com