Electronic Components Datasheet Search
  English  ▼

X  

CM44P Datasheet(PDF) 20 Page - Endress+Hauser Group Services AG

Part # CM44P
Description  Universal four-wire multichannel controller for process photometers and Memosens sensors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM44P Datasheet(HTML) 20 Page - Endress+Hauser Group Services AG

Back Button CM44P Datasheet HTML 16Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 17Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 18Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 19Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 20Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 21Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 22Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 23Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 24Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
Liquiline CM44P
20
Endress+Hauser
Modbus RS485
Signal encoding
EIA/TIA-485
Data transmission rate
2,400, 4,800, 9,600, 19,200, 38,400, 57,600 and 115,200
baud
Galvanic isolation
Yes
Connectors
Spring terminal (max. 1.5 mm), bridged internally (T‐function),
optional M12
Bus termination
Internal slide switch with LED display
Ethernet and Modbus TCP
Signal encoding
IEEE 802.3 (Ethernet)
Data transmission rate
10/100 MBd
Galvanic isolation
Yes
Connection
RJ45
IP address
DHCP (default) or configuration via menu
EtherNet/IP
Signal encoding
IEEE 802.3 (Ethernet)
Data transmission rate
10/100 MBd
Galvanic isolation
Yes
Connection
RJ45
IP address
DHCP (default) or configuration via menu
PROFINET
Signal encoding
IEEE 802.3 (Ethernet)
Data transmission rate
100 MBd
Galvanic isolation
Yes
Connection
RJ45
Name of station
Via DCP protocol using the configuration tool (e.g. Siemens
PRONETA)
IP address
Via DCP protocol using the configuration tool (e.g. Siemens
PRONETA)
Signal on alarm
Adjustable, as per NAMUR Recommendation NE 43
• In measuring range 0 to 20 mA (HART is not available with this measuring range):
Failure current from 0 to 23 mA
• In measuring range 4 to 20 mA:
Failure current from 2.4 to 23 mA
• Factory setting for failure current for both measuring ranges:
21.5 mA
Load
Max. 500 Ω
Linearization/transmission
behavior
Linear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com