Electronic Components Datasheet Search
  English  ▼

X  

CM44P Datasheet(PDF) 10 Page - Endress+Hauser Group Services AG

Part # CM44P
Description  Universal four-wire multichannel controller for process photometers and Memosens sensors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM44P Datasheet(HTML) 10 Page - Endress+Hauser Group Services AG

Back Button CM44P Datasheet HTML 6Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 7Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 8Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 9Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 10Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 11Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 12Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 13Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 14Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
Liquiline CM44P
10
Endress+Hauser
Device configuration using
the example of a CM44P-**
Ordered basic device (example)
• CM44P-**DINP1M22A1FA*(cabinet device)
• Functionality:
• 1x photometer (module PEM)
• 2x Memosens (module BASE-E)
• PROFIBUS communication (module 485)
• 2 current outputs without HART (on BASE-E module)
• 2 current inputs (module AI)
3 slots are still free in this example. More or fewer slots can be free in
other versions.
Extension options without additional
modules
None
Modification options without
additional modules
• Communication type changed by entering activation code. This
disables the communication type used previously!
• Modbus RS485 (71140889)
• Modbus TCP (71140890)
• EtherNet/IP (71219868)
• Retrofit to HART by removing module 485 and entering activation
code for HART (71128428)
Extension options by using extension
modules in free slots 5-7
Only the following is possible for the example above:
• Module 2R (71125375) or 4R (71125376): 2 or 4 relays
• Module DIO (71135638): 2 digital inputs and 2 digital outputs
If extended to four Memosens channels:
• Module 2DS (71135631): 2 Memosens inputs
• Use of the 2 current outputs in the basic module by entering
activation code (71140891)
Additional inputs or outputs and relays if fieldbus module 485 is
removed:
• Module 2AO (71135632): 2 current outputs
• Module AOR (71111053): 2 current outputs, 2 relays
• Module 2R (71125375) or 4R (71125376): 2 or 4 relays
 Ifyoureplacemodule485withETH,youcanoperateupto6
current outputs in addition to the ETH module's ethernet or
Modbus function. Only two current outputs are possible with
485.
Basic rule for extensions
The sum of all current inputs and outputs may not exceed 8!
Restrictions if using CUS71D sensors
for interface measurement
If CUS71D sensors are used, the maximum number of Memosens
inputs is limited to two. Any combination of CUS71D or other sensors
is possible.
Product Configurator
www.endress.com/cm44p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com