Electronic Components Datasheet Search
  English  ▼

X  

CM44P Datasheet(PDF) 18 Page - Endress+Hauser Group Services AG

Part # CM44P
Description  Universal four-wire multichannel controller for process photometers and Memosens sensors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM44P Datasheet(HTML) 18 Page - Endress+Hauser Group Services AG

Back Button CM44P Datasheet HTML 14Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 15Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 16Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 17Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 18Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 19Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 20Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 21Page - Endress+Hauser Group Services AG CM44P Datasheet HTML 22Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
Liquiline CM44P
18
Endress+Hauser
Input
Measured variables
Photometer
• Absorption (UV, color, NIR, cell growth)
• Turbidity
Memosens sensors
→ Documentation of the connected sensor
Measuring ranges
Photometer
OUSAF12, OUSAF21, OUSAF22, OUSAF44, OUSAF46
• 0 to 2.5 AU
• Max. 50 OD (depending on the optical path length)
OUSAF11
• 0 to 3 AU
• 0 to 6 OD (depending on the optical path length)
OUSTF10
• 0 to 200 FTU
• 0 to 200 ppm DE
OUSBT66
• 0 to 4 AU
• 0 to 8 OD (depending on the optical path length)
Memosens sensors
→ Documentation of the connected sensor
Types of input
• Digital sensor inputs for sensors with Memosens protocol
• Analog current inputs (optional)
• Digital inputs (optional)
• Digital sensor inputs for intrinsically safe sensors with Memosens protocol and Ex approval
(optional)
• Analog photometer inputs
Input signal
Depending on version:
• Max. 2 x analog photometers
• max. 4 x binary sensor signal
• 2 x 0/4 to 20 mA (optional), passive, potentially isolated from one another and from the sensor
inputs
• 0 to 30 V
Cable specification
Cable type
• Cable set CUK80 for photometer sensors
• Memosens data cable CYK10 or sensor fixed cable, each with cable end sleeves or M12 round-pin
connector (optional, for field housing)
Only Memosens data cables CYK10 with an appropriate approval may be connected to the
intrinsically safe digital sensor inputs of the sensor communication module 2DS Ex-i.
Cable length
All sensors except OUSBT66
Max. 100 m (330 ft)
OUSBT66
Maximum 20 m (65 ft)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com