Electronic Components Datasheet Search
  English  ▼

X  

M405 Datasheet(PDF) 33 Page - B&K Precision Corporation

Part # M405
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M405 Datasheet(HTML) 33 Page - B&K Precision Corporation

Back Button M405 Datasheet HTML 29Page - B&K Precision Corporation M405 Datasheet HTML 30Page - B&K Precision Corporation M405 Datasheet HTML 31Page - B&K Precision Corporation M405 Datasheet HTML 32Page - B&K Precision Corporation M405 Datasheet HTML 33Page - B&K Precision Corporation M405 Datasheet HTML 34Page - B&K Precision Corporation M405 Datasheet HTML 35Page - B&K Precision Corporation M405 Datasheet HTML 36Page - B&K Precision Corporation M405 Datasheet HTML 37Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 89 page
background image
27
* When the reference level is set below “Minimum”, “*S/W AMP” is displayed in Amplitude axis setting
values display area on the screen.
Calculation formula (conversion from dBm)
● A[dBμV] = 107+ X[dBm]
● B[dBmV] =47+ X[dBm]
● C[dBV] =-13 + X[dBm]
● D[dBμV/m] =68.8/ λ×√(X/Gar)[dBm]
λ: Wavelength[m]
Gar : Antenna absolute gain[times]
● E[dBμA/m] = 107+ X +F[dBm]
F : Probe calibration coefficient[dB] **changes depending on the
frequency.
9.8
Relationship Between Reference Level and ATT/AMP (at dBm)
Internal input attenuator (ATT) and IF amplifier (AMP) are automatically set to the optimum values based on the
reference level (REFER). (The input attenuator cannot be set independently.)
REFER
(dBm)
ATT
(dB)
AMP
(dB)
REFER
(dBm)
ATT
(dB)
AMP
(dB)
REFER
(dBm)
ATT
(dB)
AMP
(dB)
REFER
(dBm)
ATT
(dB)
AMP
(dB)
10
25
0
-3
12
0
-16
20
21
-29
7
21
9
24
0
-4
11
0
-17
19
21
-30
6
21
8
23
0
-5
10
0
-18
18
21
-31
5
21
7
22
0
-6
9
0
-19
17
21
-32
4
21
6
21
0
-7
8
0
-20
16
21
-33
3
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com