Electronic Components Datasheet Search
  English  ▼

X  

M405 Datasheet(PDF) 80 Page - B&K Precision Corporation

Part # M405
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M405 Datasheet(HTML) 80 Page - B&K Precision Corporation

Back Button M405 Datasheet HTML 76Page - B&K Precision Corporation M405 Datasheet HTML 77Page - B&K Precision Corporation M405 Datasheet HTML 78Page - B&K Precision Corporation M405 Datasheet HTML 79Page - B&K Precision Corporation M405 Datasheet HTML 80Page - B&K Precision Corporation M405 Datasheet HTML 81Page - B&K Precision Corporation M405 Datasheet HTML 82Page - B&K Precision Corporation M405 Datasheet HTML 83Page - B&K Precision Corporation M405 Datasheet HTML 84Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 89 page
background image
74
57)
Setting tracking generator
Command : TG* * *
( * * *: ON / OFF)
Example: TGON
Query: TG?
58)
Setting normalizing function
Command : NORM* * *
( * * *: ON / OFF)
Example: NORMOFF
Query: NORM?
59)
Save/Load function
Command : DEV***
( * * *: MEN/USB)
60)
Request On/Off of Offset Level
Command: OFFSETOF?
*Returned data: ON or OFF.
61)
Request firmware version
Command: VER
25.6 Input of Frequency
The frequency is input as follows.
* * * * * * *
: 0.0k to 999.9k (0.1 step, unit: Hz)
: 0.0M to 999.9M (0.1 step, unit: Hz)
: 0.0000G to 3.3G (0.0001 step, unit: Hz) ---- 2650A, 2652A, 2651
: 0.0000G to 8.5G (0.0001 step, unit: Hz) ---- 2658A
* The offset frequency and the zone width can be input only in the range decided by the center frequency
and frequency span. If the value out of the range is input, an error occurs.
* The offset frequency and the zone width change when the frequency span is changed.
25.7 Transfer of Spectrum Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com