Electronic Components Datasheet Search
  English  ▼

X  

M405 Datasheet(PDF) 49 Page - B&K Precision Corporation

Part # M405
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M405 Datasheet(HTML) 49 Page - B&K Precision Corporation

Back Button M405 Datasheet HTML 45Page - B&K Precision Corporation M405 Datasheet HTML 46Page - B&K Precision Corporation M405 Datasheet HTML 47Page - B&K Precision Corporation M405 Datasheet HTML 48Page - B&K Precision Corporation M405 Datasheet HTML 49Page - B&K Precision Corporation M405 Datasheet HTML 50Page - B&K Precision Corporation M405 Datasheet HTML 51Page - B&K Precision Corporation M405 Datasheet HTML 52Page - B&K Precision Corporation M405 Datasheet HTML 53Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
43
• BAND mode [ Bypushing
(MODE), BAND mode is selected.]
The sum of power in the band specified by band center and bandwidth is measured.
19.2 Adjacent Channel Leakage Power Measurement <ACP>
The adjacent channel leakage power is measured as the ratio of power in the range specified by offset frequency
and bandwidth to carrier power. Both leakage power at the upper and lower side are measured.
Furthermore, the method for measurement is selected out of three methods based on the classification of definition
of carrier power; total power method, reference level method and in-band method.
• Mode selection and measurement
[ By pushing
(MODE), TOTAL, BAND or PEAK mode is selected.]
* “ACP TOTAL”, “ACP BAND” or “ACP PK” is displayed in MEAS area on the screen.
* “CP BAND” is displayed in MEAS area on the screen.
* The measured value and the setting parameter are
displayed at the lower part of the screen.
1. By
(BAND ENTER)
,
the band center is set.
2. By
(BAND WIDTH)
,
the band width is set.
[Measuring Mode]
[Measured Value]
[Setting parameter]
F2
F3
* “CP TOTAL” is displayed in MEAS area on the screen.
* The measured value is displayed at the lower right corner on
the screen.
[Measuring Mode]
[Measured Value]
F1
F1
F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com