Electronic Components Datasheet Search
  English  ▼

X  

M405 Datasheet(PDF) 10 Page - B&K Precision Corporation

Part # M405
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M405 Datasheet(HTML) 10 Page - B&K Precision Corporation

Back Button M405 Datasheet HTML 6Page - B&K Precision Corporation M405 Datasheet HTML 7Page - B&K Precision Corporation M405 Datasheet HTML 8Page - B&K Precision Corporation M405 Datasheet HTML 9Page - B&K Precision Corporation M405 Datasheet HTML 10Page - B&K Precision Corporation M405 Datasheet HTML 11Page - B&K Precision Corporation M405 Datasheet HTML 12Page - B&K Precision Corporation M405 Datasheet HTML 13Page - B&K Precision Corporation M405 Datasheet HTML 14Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 89 page
background image
4
2. Specifications
2.1
Performance
 Frequency section
2650A, 2652A, 2651
2658A
Frequency range
50 kHz to 3.3 GHz
50 kHz to 8.5 GHz
―――
Frequency
range
Frequency
band
Harmonic
order
50 k to 3.5
GHz
Base band
1
3.3 G to 6.3
GHz
Band 1-
1
6.1 G to 8.5
GHz
Band 1+
1
Center frequency
Setting
resolution
20 kHz
Allows rotary encoder, numeric key and function key
Accuracy
within ± (30+20T) kHz±1 dot
@frequency span: 200 kHz to 10 MHz,
RBW 3 kHz, 23±5°C
within ± (60+300T) kHz±1dot
@frequency span: 20 MHz to 3.3 GHz,
RBW 100 kHz、23±5°C
T: sweep time (s)
within ±(30+20T) kHz ± 1 dot
@frequency span: 200 kHz to 10 MHz,
RBW 3 kHz, 23±5°C
within ± (60+300T) kHz±1dot
@frequency span: 20 MHz to 8.5 GHz,
RBW 100 kHz, 23±5°C
T: sweep time (s)
RBW
frequency
error
within ±4 kHz @ 3 kHz, 10 kHz, 30 kHz
within 20% of RBW @ RBW: 100 kHz, 300 kHz
within 10% of RBW @ RBW: 1 MHz, 3 MHz
Frequency span
Setting range
0 Hz (zero span),
200 kHz to 2 GHz (1-2-5 step) and
3.3 GHz (full span)
0 Hz (zero span),
200 kHz to 5 GHz (1-2-5 step) and
8.5 GHz (full span)
Accuracy
within ±3% ±1dot
@ sweep time of 0.3s, 23±5 °C
Display resolution
# of points per trace
501dots on LCD screen, 1001dots readout via PC
(501 dots are visible on the display, 1001 dots of trace data are captured internally and can be
transferred to a PC via USB device interface.)
Resolution bandwidth
3 dB bandwidth (6 dB for 2651 @ 9 kHz, 120 kHz)
Setting range
3 kHz to 3 MHz (1-3 step) and AUTO
(2651: 3 kHz, 9 kHz, 30 kHz, 120 kHz, 300 kHz, 1 MHz, 3 MHz)
Accuracy
±20%
Selectivity
1:12 (typical, 3 dB : 60 dB)
Video bandwidth
100 Hz to 1 MHz (1-3 step) and AUTO
SSB phase noise
-90 dBc/Hz (typical)
@100 kHz offset, RBW : 3 kHz, VBW : 100 Hz, sweep time: 1 s
Spurious response
less than -60 dBc
Harmonics
less than -40 dBc @
≧100MHz
T:掃引時間



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com