Electronic Components Datasheet Search
  English  ▼

X  

M405 Datasheet(PDF) 84 Page - B&K Precision Corporation

Part # M405
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M405 Datasheet(HTML) 84 Page - B&K Precision Corporation

Back Button M405 Datasheet HTML 80Page - B&K Precision Corporation M405 Datasheet HTML 81Page - B&K Precision Corporation M405 Datasheet HTML 82Page - B&K Precision Corporation M405 Datasheet HTML 83Page - B&K Precision Corporation M405 Datasheet HTML 84Page - B&K Precision Corporation M405 Datasheet HTML 85Page - B&K Precision Corporation M405 Datasheet HTML 86Page - B&K Precision Corporation M405 Datasheet HTML 87Page - B&K Precision Corporation M405 Datasheet HTML 88Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 89 page
background image
78
27. Basic Performance Test
(2650A/2651/2652A/2658A)
To keep the quality of the unit, regular performance testing is recommended. This section describes a method and
specification of basic performance testing. If a problem is found in the results of basic performance testing, or formal
testing is required,please contact B&K Precision.
27.1 Frequency Characteristics
Adjust the output level of the spectrum analyzer calibration unit (thereafter, “calibration unit”) so that the displayed
power value is -15dBm at each frequency for this unit, and measure the absolute value with a receiver for
calibration (microwave power meter, etc.).
Setting of 2650A/2652A/2651/2658A
Specifications
Measurement
value
Judgment
Center frequency
Frequency span
RBW *1)
50 kHz
200 kHz
10 kHz
Within Reference±2.6 dB±1dot
100 kHz
200 kHz
30 kHz
Within Reference±2.6 dB±1dot
1 MHz
2 MHz
100 kHz
Within Reference±2.6 dB±1dot
10 MHz
10 MHz
3 MHz
Within Reference±2.0 dB±1dot
100 MHz
10 MHz
3 MHz
Reference
1 GHz
10 MHz
3 MHz
Within Reference±1.0 dB±1dot
2 GHz
10 MHz
3 MHz
Within Reference±1.0 dB±1dot
3.3 GHz
10 MHz
3 MHz
Within Reference±1.0 dB±1dot
6.2 GHz *2)
10 MHz
3 MHz
Within Reference±1.0 dB±1dot
8.5 GHz *2)
10 MHz
3 MHz
Within Reference±1.0 dB±1dot
*1) RBW switching error is included at RBW other than 3 MHz. *2) 2658A only
· Setting of 2650A/2652A/2651/2658A
· Setting of calibration unit
Reference level
:
-15 dBm
Frequency
:
Same as a center frequency of
VBW
:
1 MHz
2650A/2652A/2651/2658A.
Sweep time
:
1 s
Detection mode
:
SMPL
Output power
:
Adjust the power indication of
2650A/2652A/2651/2658A to -15
dBm.
Display scale
:
2 dB/div
Spectrum analyzer calibration unit
Receiver for calibration
2650A/2651 series
[Connection diagram]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com