Electronic Components Datasheet Search
  English  ▼

X  

M405 Datasheet(PDF) 68 Page - B&K Precision Corporation

Part # M405
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M405 Datasheet(HTML) 68 Page - B&K Precision Corporation

Back Button M405 Datasheet HTML 64Page - B&K Precision Corporation M405 Datasheet HTML 65Page - B&K Precision Corporation M405 Datasheet HTML 66Page - B&K Precision Corporation M405 Datasheet HTML 67Page - B&K Precision Corporation M405 Datasheet HTML 68Page - B&K Precision Corporation M405 Datasheet HTML 69Page - B&K Precision Corporation M405 Datasheet HTML 70Page - B&K Precision Corporation M405 Datasheet HTML 71Page - B&K Precision Corporation M405 Datasheet HTML 72Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 89 page
background image
62
4. When
is pushed, the cursor position will move left by one character. To change the
character, turn the encoder. To delete, press F5 again. Characters previously entered can be deleted
by consecutively pushing F5.
5. When finished, press
to exit the label menu.
24.2 Menu Off
By pushing
, the display of the function menu and the active area can be turned off
temporarily.
24.3 Buzzer Setting
By pushing
, the buzzer sound can be set to beep when keys are pressed or rotary encoder
is turned. The following three options are selectable by pressing F3 until the desired option is displayed.
OFF
: The buzzer is off.
ALARM
: The buzzer will sound off when an incorrect setting is made.
ALWAYS
: The buzzer will sound whenever a key or the rotary encoder is
operated.
※ When the battery voltage becomes low during battery operation, the buzzer will sound.
(Even if OFF is selected, it will sound.)
24.4 Setting the Clock
When
is pushed, the following function menu is displayed.
The year, month, day and time are displayed below the screen. (Refer to “4. Explanation of Screen”)
Set the year, month, day and time when 2650A/2651 series is used for the first time.
The time information is updated even if the power is turned off.
F1
F2
F3
F4
F5
F6
YEAR
08
MONTH
JUN
DATE
30
HOUR
23
MIN
50
ENTER
F5
F2
F3
F4
UTIL
UTIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com