Electronic Components Datasheet Search
  English  ▼

X  

M405 Datasheet(PDF) 32 Page - B&K Precision Corporation

Part # M405
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M405 Datasheet(HTML) 32 Page - B&K Precision Corporation

Back Button M405 Datasheet HTML 28Page - B&K Precision Corporation M405 Datasheet HTML 29Page - B&K Precision Corporation M405 Datasheet HTML 30Page - B&K Precision Corporation M405 Datasheet HTML 31Page - B&K Precision Corporation M405 Datasheet HTML 32Page - B&K Precision Corporation M405 Datasheet HTML 33Page - B&K Precision Corporation M405 Datasheet HTML 34Page - B&K Precision Corporation M405 Datasheet HTML 35Page - B&K Precision Corporation M405 Datasheet HTML 36Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 89 page
background image
26
* If the unit is changed to
dBμV,dBmV,dBVor dBm,the offset is automaticallychanged.
2. By pushing
, the step size of offset is changed. (10 dB, 1 dB, 0.1 dB)
9.6
Setting of Input Impedance
By pushing
, the input compensation can be set to 50
Ω (no offset) or75 Ω. (5.6dB offset
compensation)
The reference level is adjusted automatically, based on the input impedance selection. When the input impedance
is set to 75
Ω,the referencelevel is displayed includingoffset and conversion of 75Ω. Forthe amplitudereadingto
be correct, a coaxial
50 Ω /75 Ωimpedance conversion adaptermust be connectedtothe RFinput.
* When “75
Ω” isselected, valuesinAmplitude axissettingvaluesdisplayareawill change accordingto
75
Ω, andthe offset is set to 5.7dB (insertion loss of 50 Ω/75Ω adapter ).Moreover,the offset can be
changed.
When the unit at marker point is set to W, V, V/m or other, it is converted correctly from dBm.
* Be sure to attach a coaxial
50Ω /75 Ωimpedance conversion adapter when selecting“75 Ω”
9.7
Reference Level Setting Range for Each Unit
Unit
dBm
dBμV
dBmV
dBV
Maximum
10
117
57
-3
Minimum
-40
67
7
-53
Minimum
(shifted spectrum data)
-60
47
-13
-73
“Available unit in measuring function”
Unit
dBμV/m (Electricfield strengthmeasurement)
dBμA/m
(Magnetic field strength
measurement)
Setting
M401
M402
M403
M404
M405
M406
CP-2S
Maximum
143
146
149
150
137
159
160 ~ 203
Minimum
93
96
99
100
87
109
110 ~ 153
Minimum
(shifted spectrum
data)
73
76
79
80
67
89
90 ~ 133
* When the reference level is set between “Minimum” and “Minimum (shifted spectrum data)”, the
spectrum of “Minimum” is shifted and displayed on the screen.
F3
F6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com