Electronic Components Datasheet Search
  English  ▼

X  

M405 Datasheet(PDF) 11 Page - B&K Precision Corporation

Part # M405
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M405 Datasheet(HTML) 11 Page - B&K Precision Corporation

Back Button M405 Datasheet HTML 7Page - B&K Precision Corporation M405 Datasheet HTML 8Page - B&K Precision Corporation M405 Datasheet HTML 9Page - B&K Precision Corporation M405 Datasheet HTML 10Page - B&K Precision Corporation M405 Datasheet HTML 11Page - B&K Precision Corporation M405 Datasheet HTML 12Page - B&K Precision Corporation M405 Datasheet HTML 13Page - B&K Precision Corporation M405 Datasheet HTML 14Page - B&K Precision Corporation M405 Datasheet HTML 15Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 89 page
background image
5
 Amplitude section
2650A, 2652A, 2651
2658A
Reference level
Setting range
+10 to -60 dBm (1dB step)
Accuracy
within ± 0.8 dB ± 1 dot
@ center frequency : 100 MHz, RBW : 3 MHz, VBW : 1 MHz, REF : -15 dBm, 23±5 °C
Unit
dBm, dBV, dBmV, d
BμV, dBμV/m, dBμA/m
(dBμV/mand dBμA/mare used for measurement functions)
Average noise level
-127 dBm (typical) @ CF : 1 GHz, RBW : 3 kHz, VBW : 100 Hz, Ref. level < - 40dBm ( preamp
automatically ON)
Frequency
characteristics
within ±2.0 dB ±1dot @50 kHz to 100 MHz
within ±1.0 dB ±1dot @ 100 MHz to 3.3 GHz
within ±2.0 dB ±1dot @50 kHz to 100 MHz
within ±1.0 dB ±1dot @100 MHz to 8.5 GHz
Input impedance
50
Ω
Input VSWR
less than 2.0
Input attenuator
Operating
range
0 to 25 dB (1 dB step), coupled with reference level
Switching
error
±0.6 dB @100 MHz
RBW switching error
±0.6 dB
Display resolution
(vertical)
381 dots/10div
Display
scale
Scale
10 dB/div, 5 dB/div, 2 dB/div
Accuracy
±(0.2 dB+1dot)/2 dB
±(0.4 dB+1dot)/5 dB
±(0.8 dB+1dot)/10 dB ±(1.8 dB+1dot)/83 dB
Input damage level
+27 dBm (CW average power), 25 VDC
 Sweep section
2650A, 2652A, 2651
2658A
Sweep time
Setting range
10 ms to 30 s and AUTO
@frequency span : 0 to 2 GHz
30 ms to 30 s and AUTO
@frequency span : full span
1-3 step
10 ms to 30 s and AUTO
@frequency span : 0 to 2 GHz
30 ms to 30 s and AUTO
@frequency span : 5 GHz, full span
1-3 step
Accuracy
Within ±0.1 %±1dot
@frequency span : 0 to 2GHz
Within ±0.1 %±1dot
@frequency span : 0 to 5GHz
within ±1.5 %±1dot @ full span
within ±2.5 %±1dot @ full span
Trigger
Trigger mode
AUTO (Available only for zero span)
Trigger source
Internal and External



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com