Electronic Components Datasheet Search
  English  ▼

X  

M405 Datasheet(PDF) 74 Page - B&K Precision Corporation

Part # M405
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M405 Datasheet(HTML) 74 Page - B&K Precision Corporation

Back Button M405 Datasheet HTML 70Page - B&K Precision Corporation M405 Datasheet HTML 71Page - B&K Precision Corporation M405 Datasheet HTML 72Page - B&K Precision Corporation M405 Datasheet HTML 73Page - B&K Precision Corporation M405 Datasheet HTML 74Page - B&K Precision Corporation M405 Datasheet HTML 75Page - B&K Precision Corporation M405 Datasheet HTML 76Page - B&K Precision Corporation M405 Datasheet HTML 77Page - B&K Precision Corporation M405 Datasheet HTML 78Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 89 page
background image
68
( * * * * * * *: = 0-500: screen position, center = 250)
Example: ACPREF250
Query: ACPREF?
17)
Setting reference bandwidth for adjacent channel power measurement
Command : ACPREFBW* * * * * * *
( * * * * * * *: = 0-500: screen position, center = 250)
Example: ACPREFBW50
Query: ACPREFBW?
18)
Setting mode for occupied bandwidth measurement
Command : OBWMODE* *
( * * : N%, DB)
Example: OBWMODEN%
Query: OBWMODE?
19)
Setting N% RATIO for occupied bandwidth measurement
Command : OBWRATIO* * *
(* * *: 80.0 to 99.9 [ 0.1 step , unit : %] )
Example: OBWRATIO85.6
Query: OBWRATIO?
20)
Setting XdB DOWN for occupied bandwidth measurement
Command : OBWDB* * *
( * * *: 0.1 to 99.0 [ 0.1 step , unit : dB] )
Example: OBWDB45.3
Query: OBWDB?
21)
Setting antenna for electric field strength measurement
Command : EFANT* * * *
( * * * *: M401 / M402 / M403
/ M404 / M405 / M406 / USER)
Example: EFANTM405
Query: EFANT?
22)
Transfer user-compensation data for electric field strength measurement
Command : EFUSER* * * * *
(Refer to “25.8 Writing of Original Compensation Data” for the details.)
Example: EFUSER300M:0.0DBI,350M:1.0DBI
Command
Mode
N%
N% POWER mode
DB
XdB DOWN mode
Command
Antenna
M401
Setting data for M401
M402
Setting data for M402
M403
Setting data for M403
M404
Setting data for M404
M405
Setting data for M405
M406
Setting data for M406
USER
Setting data for user’s original antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com