Electronic Components Datasheet Search
  English  ▼

X  

M405 Datasheet(PDF) 41 Page - B&K Precision Corporation

Part # M405
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M405 Datasheet(HTML) 41 Page - B&K Precision Corporation

Back Button M405 Datasheet HTML 37Page - B&K Precision Corporation M405 Datasheet HTML 38Page - B&K Precision Corporation M405 Datasheet HTML 39Page - B&K Precision Corporation M405 Datasheet HTML 40Page - B&K Precision Corporation M405 Datasheet HTML 41Page - B&K Precision Corporation M405 Datasheet HTML 42Page - B&K Precision Corporation M405 Datasheet HTML 43Page - B&K Precision Corporation M405 Datasheet HTML 44Page - B&K Precision Corporation M405 Datasheet HTML 45Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 89 page
background image
35
* Differing from base band at which the up-conversion of input frequency is done with a frequency mixer, the
spurious response peculiar to band 1- and band 1+ is generated because the down-conversion is done at those
two bands.
* About SPURIOUS FREE mode
1. SPURIOUS FREE mode is a mode by which the spurious response peculiarly caused at band
1+ is simply deleted.
2. SPURIOUS FREE mode is especially effective in the measurement of a stationary wave.
3. If SPURIOUS FREE mode is used in measurement of a signal with level change or frequency
change, the phenomenon that the level goes down will occur.
4. The noise level goes down a little in case of a noise changing at random. In short, the same
phenomenon as MIN HOLD function happens.
* How to judge SPURIOUS response at band 1- and band 1+
The procedure for judging SPURIOUS response at band 1- and band 1+ is as follows.
1. Set the center frequency to < (current setting value) + f >.
2. The spectrum shifting left by f is a correct spectrum, but another spectrum shifting such as left
by 2f, left by 3f, right by f, right by 2f or right by 3f is a spurious response.
* “f ” should be changed according to SPAN for easy judgment. For reference;
f = SPAN / (10 to 50) (corresponding to 0.2 to 1 div)
Example: judging a spectrum displayed at 6.92 GHz
(setting : center frequency 6.92 GHz and SPAN 500 MHz)
1. Set the center frequency to < 6.92 GHz + 500 MHz/25 > = 6.94GHz.
2. A spectrum at 6.92 GHz (shifting left by f from 6.94 GHz) is correct. A spectrum at 6.98 GHz (shifting
right by 2f from 6.94 GHz) is spurious.
* Additionally, a spurious response mentioned above shifting right by 2f at band 1+ is largest, and other
spurious response are about 25 to 50 dB smaller than that.
17. Marker & Peak Search <MKR>
When
is pushed, the following function menu is displayed.
● Main menu ofmarker function
F1
F2
F3
F4
F5
F6
CONV
dBm
→W
NORMAL
MARKER
DELTA
OFF
CENTER FREQ
NORMAL
ZONE
MKR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com