Electronic Components Datasheet Search
  English  ▼

X  

M405 Datasheet(PDF) 40 Page - B&K Precision Corporation

Part # M405
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M405 Datasheet(HTML) 40 Page - B&K Precision Corporation

Back Button M405 Datasheet HTML 36Page - B&K Precision Corporation M405 Datasheet HTML 37Page - B&K Precision Corporation M405 Datasheet HTML 38Page - B&K Precision Corporation M405 Datasheet HTML 39Page - B&K Precision Corporation M405 Datasheet HTML 40Page - B&K Precision Corporation M405 Datasheet HTML 41Page - B&K Precision Corporation M405 Datasheet HTML 42Page - B&K Precision Corporation M405 Datasheet HTML 43Page - B&K Precision Corporation M405 Datasheet HTML 44Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 89 page
background image
34
2. The update spectrum data is compared with the data left last time at each point, and the smaller one is retained
and displayed.
2
4
8
16
32
64
128
256
512
1024
*
*
(infinite)
* When this mode is set, “MIN --- (number of times)” is displayed in the CALC area on the screen.
(Refer to “4. Explanation of Screen” for the details.)
16.4 AVERAGE Mode
1. By the operation of
, the number of times of the sweep in the AVERAGE mode is
set.
2. The simple averaging process is executed at each sweep.
2
4
8
16
32
64
128
256
512
1024
* When this mode is set, “AVG --- (number of times)” is displayed in the CALC area on the screen.
(Refer to “4. Explanation of Screen” for the details.)
16.5 OVERWRITE Mode
1. By the operation of
, the number of times of the sweep in the OVER WRITE
mode is set.
2. The image on the screen is not cleared at each sweep, and the overwriting display is executed.
2
4
8
16
32
64
128
256
512
1024
* *
(infinite)
* When this mode is set, “OVER WR” is displayed in the CALC area on the screen.
(Refer to “4. Explanation of Screen” for the details.)
* Only the last spectrum is saved.
16.6 SPURIOUS FREE Mode (2658A only)
1. By pushing
, the SPRIOUS FREE mode, by which the spurious response at band 1- and band
1+ is simply deleted, is selected.
* “SPR” is displayed in CALC area on the screen.
(Refer to “4. Explanation of Screen” for the details.)
F4
F5
F6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com