Electronic Components Datasheet Search
  English  ▼

X  

M405 Datasheet(PDF) 71 Page - B&K Precision Corporation

Part # M405
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M405 Datasheet(HTML) 71 Page - B&K Precision Corporation

Back Button M405 Datasheet HTML 67Page - B&K Precision Corporation M405 Datasheet HTML 68Page - B&K Precision Corporation M405 Datasheet HTML 69Page - B&K Precision Corporation M405 Datasheet HTML 70Page - B&K Precision Corporation M405 Datasheet HTML 71Page - B&K Precision Corporation M405 Datasheet HTML 72Page - B&K Precision Corporation M405 Datasheet HTML 73Page - B&K Precision Corporation M405 Datasheet HTML 74Page - B&K Precision Corporation M405 Datasheet HTML 75Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 89 page
background image
65
25.5 Explanation of Command
* “CR(0D[HEX])+LF(0A[HEX])” is added to the end of every command. When the command is sent from PC,
2650A/2652A/2651 and 2658A return some responses, which include “OK” + CR + LF, “ERR” + CR + LF, or
“(response to command)” + CR + LF.
* By inputting “?” instead of “* *” for each command, the current setting parameters will be queried and a
response of the value will be received by the PC.
(Except for “ ---- Request” command and the command for inputting corrected data.)
1)
Setting center frequency
Command : FREQ* * * * * * *
(* * * * * * *: Refer to “25.6 Input of frequency”)
Example: FREQ1.235G
Query: FREQ?
2)
Request set marker
Command : FREQSETMK
* The center frequency is set according to the frequency of current marker position.
3)
Setting frequency span
Command : SPAN* * * *
2650A, 2652A, 2651:
(* * * * = ZERO, 200K, 500K, 1M, 2M, 5M, 10M, 20M, 50M, 100M, 200M, 500M,
1G, 2G, FULL [unit : Hz])
2658A:
(* * * * = ZERO, 200K, 500K, 1M, 2M, 5M, 10M, 20M, 50M, 100M, 200M, 500M,
1G, 2G, 5G, FULL[unit : Hz])
Example: SPAN500K
Query: SPAN?
4)
Setting reference level
Command : REF* * *
(* * * = -60 to 10 [1 step, unit : dBm] )
Example: REF 5
Query: REF?
5)
Setting reference level unit
Command : UNIT * * * *
(* * * * = DBM, DBUV, DBMV, DBV)
Example: UNITDBUV
Command
Unit
DBM
dBm
DBUV
dBμV
DBMV
dBmV
DBV
dBV
* When the unit is other than dBm, convert
into dBm by using calculation formula in
“9.8 Relation between reference level and
ATT/AMP”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com