Electronic Components Datasheet Search
  English  ▼

X  

M405 Datasheet(PDF) 27 Page - B&K Precision Corporation

Part # M405
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M405 Datasheet(HTML) 27 Page - B&K Precision Corporation

Back Button M405 Datasheet HTML 23Page - B&K Precision Corporation M405 Datasheet HTML 24Page - B&K Precision Corporation M405 Datasheet HTML 25Page - B&K Precision Corporation M405 Datasheet HTML 26Page - B&K Precision Corporation M405 Datasheet HTML 27Page - B&K Precision Corporation M405 Datasheet HTML 28Page - B&K Precision Corporation M405 Datasheet HTML 29Page - B&K Precision Corporation M405 Datasheet HTML 30Page - B&K Precision Corporation M405 Datasheet HTML 31Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 89 page
background image
21
7. Center Frequency <FREQ>
When
is pushed, the following function menu is displayed.
7.1
Setting with step keys ( [F1], [F2] )
1. When
is pushed, the center frequency decreases in the set step size.
2. When
is pushed, the center frequency increases in the set step size.
3. Setting step size:
When
is pushed, the step size is changed according to the following.
AUTO
100MHz
10MHz
1MHz
100kHz
20kHz
AUTO : The step size is 1/10 of the frequency span.
However, only for 500 kHz frequency span, the step size is set to 50 kHz.
If the frequency span is less than 500 kHz, the step size is set to 20 kHz.
AUTO is recommended for normal use.
7.2
Setting with encoder
1. By rotating
, the center frequency is changed in the set step size.
2. Setting step size:
When
is pushed, the step size is changed according to the following.
AUTO
100MHz
10MHz
1MHz
100kHz
20kHz
AUTO : The step size is 1/500 of the frequency span
However, if the frequency span is less than 5 MHz, the step size is set to 20 kHz.
AUTO is recommended for normal use.
CENTER FREQ
KeyStep
100M
EncStep
0.1M
SET
MKR
Ten Key
Mode
←
→
F1
F2
F3
F4
F5
F6
FREQ
* Center frequency setting range: 0 to 3.3 GHz for 2650A/2652A/2651, 0 to 8.5 GHz for 2658A
* The center frequency may shift for a while (up to 10 sec.), after setting is changed.
F1
F2
F3
F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com