Electronic Components Datasheet Search
  English  ▼

X  

M405 Datasheet(PDF) 28 Page - B&K Precision Corporation

Part # M405
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M405 Datasheet(HTML) 28 Page - B&K Precision Corporation

Back Button M405 Datasheet HTML 24Page - B&K Precision Corporation M405 Datasheet HTML 25Page - B&K Precision Corporation M405 Datasheet HTML 26Page - B&K Precision Corporation M405 Datasheet HTML 27Page - B&K Precision Corporation M405 Datasheet HTML 28Page - B&K Precision Corporation M405 Datasheet HTML 29Page - B&K Precision Corporation M405 Datasheet HTML 30Page - B&K Precision Corporation M405 Datasheet HTML 31Page - B&K Precision Corporation M405 Datasheet HTML 32Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 89 page
background image
22
7.3
Setting with numeric key
1. When
is pushed, the following function menu is displayed.
2.
,
and
correspond to <GHz>, <MHz> and <. >
and
correspond to <CLEAR> and <BACK SPACE>.
Changing the center frequency by encoder is available in Ten Key Mode.
3. The center frequency can be entered directly according to “Numeric Key Mapping Diagram” as follows.
“Numeric Key Mapping Diagram”
4. The center frequency is determined by inputting the unit of frequency.
To enter the unit,
and
are available.
(
and
are also available.)
* Any figures below the setting resolution (20 kHz) will be truncated.
5. Change of setting
The setting can be changed before pushing the unit key.
: The setting values are cleared.
: The last input digit is deleted.
“.”
CLEAR
BACK
SPACE
RETURN
GHz
MHz
F1
F2
F3
F4
F5
F6
HOLD
RUN
SCALE
RBW
VBW
SWEEP
AUTO
TUNE
MKR
MEAS
CALC
SAVE
LOAD
COPY
UTIL
DSPL
1
2
3
4
5
6
7
8
9
0
.
MHz
GHz
F6
F1
F2
F3
F4
F5
UTIL
DSPL
F1
F2
F4
F5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com