Electronic Components Datasheet Search
  English  ▼

X  

M405 Datasheet(PDF) 69 Page - B&K Precision Corporation

Part # M405
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M405 Datasheet(HTML) 69 Page - B&K Precision Corporation

Back Button M405 Datasheet HTML 65Page - B&K Precision Corporation M405 Datasheet HTML 66Page - B&K Precision Corporation M405 Datasheet HTML 67Page - B&K Precision Corporation M405 Datasheet HTML 68Page - B&K Precision Corporation M405 Datasheet HTML 69Page - B&K Precision Corporation M405 Datasheet HTML 70Page - B&K Precision Corporation M405 Datasheet HTML 71Page - B&K Precision Corporation M405 Datasheet HTML 72Page - B&K Precision Corporation M405 Datasheet HTML 73Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 89 page
background image
63
1. By rotating
, the values for a selected parameter (choosen by pressing any button between F1 and F5)
can be changed.
2.
Used to set the year. Two last digits of the year are displayed. This can be set from 00 to 99.
Used to set the month. This can be set from 1 to 12.
Used to set the date. This can be set from 1 to 31.
Used to set the hour. It is displayed in twenty-four hour format. Values can be set from 1 to 24.
Used to set the minute.
3. By pushing
, the values which are set from item 2. above are saved. The values are updated only
when this key is pushed.
* The clock function of the 2650A/2651 series is driven by a dedicated LSI, and the power is supplied by a
built-in lithium battery.
F1
F2
F3
F4
F5
F6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com