Electronic Components Datasheet Search
  English  ▼

X  

M405 Datasheet(PDF) 25 Page - B&K Precision Corporation

Part # M405
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M405 Datasheet(HTML) 25 Page - B&K Precision Corporation

Back Button M405 Datasheet HTML 21Page - B&K Precision Corporation M405 Datasheet HTML 22Page - B&K Precision Corporation M405 Datasheet HTML 23Page - B&K Precision Corporation M405 Datasheet HTML 24Page - B&K Precision Corporation M405 Datasheet HTML 25Page - B&K Precision Corporation M405 Datasheet HTML 26Page - B&K Precision Corporation M405 Datasheet HTML 27Page - B&K Precision Corporation M405 Datasheet HTML 28Page - B&K Precision Corporation M405 Datasheet HTML 29Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 89 page
background image
19
6. Preparing for Operation
6.1
Stand
Utilize the stand on the back to use the screen in an easier-to-see angle on the desk.
6.2
Connection to power supply
The AC adapter MA400 is used to power the instrument and for charging the MB400 battery. (Charging starts
automatically if the AC adapter is connected and unit is power-off.) Connect the adapter as in the figure below and
connect the AC plug to the power line (100-240 VAC, 50/60 Hz). For static electricity protection, ground the unit
by connecting the three cores if possible. Not grounding the unit can damage the unit and/or device being
measured. Do not use an AC adapter other than the MA400 supplied with the unit. Using an AC adapter other
than the MA400 may cause damage to the unit.
The battery indicator is divided into five levels and is displayed on the screen. When the mark of the battery
remainder displays
, the buzzer will sound even if buzzer is OFF under settings, and the power will turn off
within a few minutes. Ensure to protect any data or measurements promptly by saving into memory to prevent
data lost if the unit shuts down.
Battery full charge time: approx. 4 hours
Battery operating time: 4 hours maximum
(with backlight set to minimum)
*Tested at normal temperature with initial setting
parameters.
Connect to 100 to 240 VAC, 50/60 Hz
Please make sure to connect to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com