Electronic Components Datasheet Search
  English  ▼

X  

M405 Datasheet(PDF) 17 Page - B&K Precision Corporation

Part # M405
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M405 Datasheet(HTML) 17 Page - B&K Precision Corporation

Back Button M405 Datasheet HTML 13Page - B&K Precision Corporation M405 Datasheet HTML 14Page - B&K Precision Corporation M405 Datasheet HTML 15Page - B&K Precision Corporation M405 Datasheet HTML 16Page - B&K Precision Corporation M405 Datasheet HTML 17Page - B&K Precision Corporation M405 Datasheet HTML 18Page - B&K Precision Corporation M405 Datasheet HTML 19Page - B&K Precision Corporation M405 Datasheet HTML 20Page - B&K Precision Corporation M405 Datasheet HTML 21Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 89 page
background image
11
4. Explanation of Screen
Function Menu
UNCAL
**UNCAL Display
Remaining Battery
Display
Spectrum Display
10div x 10 div
Active Area Display
Center frequency, Frequency span,
Resolution bandwidth, Video bandwidth
Reference level, Input attenuator,
Display scale
Sweep time,
Detection mode
Calculation function display
Measuring function display
Operating Information display
Loaded spectrum information display
* This is also used as a display for set values
when the measuring function is used.
**UNCAL is displayed when a normal measurement cannot be done due to sweep rate being too fast. In such
cases, slowing down the sweep rate will change this indicator.
Measured Values display
Sweep Axis Setting
Values Display
Amplitude Axis Setting Values Display
Frequency Axis Setting Values Display
Upper: Label Display
Lower: Clock Display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com