Electronic Components Datasheet Search
  English  ▼

X  

M405 Datasheet(PDF) 19 Page - B&K Precision Corporation

Part # M405
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M405 Datasheet(HTML) 19 Page - B&K Precision Corporation

Back Button M405 Datasheet HTML 15Page - B&K Precision Corporation M405 Datasheet HTML 16Page - B&K Precision Corporation M405 Datasheet HTML 17Page - B&K Precision Corporation M405 Datasheet HTML 18Page - B&K Precision Corporation M405 Datasheet HTML 19Page - B&K Precision Corporation M405 Datasheet HTML 20Page - B&K Precision Corporation M405 Datasheet HTML 21Page - B&K Precision Corporation M405 Datasheet HTML 22Page - B&K Precision Corporation M405 Datasheet HTML 23Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 89 page
background image
13
5.2
Menu Tree
The following is the sequence of selection for the function menu. The function menu corresponds to the function key
of F1 to F6.
“Function menu”
* Refer to “8. Frequency Span” for details.
NORMAL
SPAN
FULL
SPAN
ZERO
SPAN
SPAN
50MHz
1 GHz
1MHz
SPAN
: Set the frequencyspan
* Refer to “9. Reference Level” for details.
UNIT
dBm
RLSTEP
1dB
OFSSTEP
1dB
REFER
OFFSET
OFF
OFSdB
0dB
IMP
50Ω
: Set thereference level
ANT
E/F
M/F
PROBE
FREQ
COUNT
F1
CHPOWER
ACP
OBW
F2
F3
F4
F5
F6
: Set the center frequency
CENTER FREQ
KeyStep
100MHz
EncStep
10MHz
SET
MKR
Ten Key
MODE
GHz
MHz
CLEAR
“.”
BACK
SPACE
RETURN
* Refer to “7. Center Frequency” for details.
FREQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com