Electronic Components Datasheet Search
  English  ▼

X  

M405 Datasheet(PDF) 29 Page - B&K Precision Corporation

Part # M405
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M405 Datasheet(HTML) 29 Page - B&K Precision Corporation

Back Button M405 Datasheet HTML 25Page - B&K Precision Corporation M405 Datasheet HTML 26Page - B&K Precision Corporation M405 Datasheet HTML 27Page - B&K Precision Corporation M405 Datasheet HTML 28Page - B&K Precision Corporation M405 Datasheet HTML 29Page - B&K Precision Corporation M405 Datasheet HTML 30Page - B&K Precision Corporation M405 Datasheet HTML 31Page - B&K Precision Corporation M405 Datasheet HTML 32Page - B&K Precision Corporation M405 Datasheet HTML 33Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 89 page
background image
23
6. Cancel of Ten Key Mode
By pushing
or
, unit will return to function menu.
7.4
According to Marker Position
When
is pushed, the center frequency is set according to the frequency of current marker position.
* Any figures below the setting resolution (20 kHz) will be truncated.
* When the marker is not displayed, this operation is invalid. (The menu option disappears.)
8. Frequency Span <SPAN>
When
is pushed, the following function menu is displayed.
By operating
, the frequency span is set.
2650A / 2652A / 2651
By rotating
, the frequency span is changed in the specified step size as follows.
ZERO
200k
500k
1M
2M
5M
10M
20M
50M
100M
200M
500M
1G
2G
FULL (3.3 GHz)
2658A
1. By rotating
, the frequency span is changed in the specified step size as follows.
ZERO
200k
500k
1M
2M
5M
10M
20M
50M
100M
200M
500M
1G
2G
5G
FULL (8.5 GHz)
2. By pushing
, the frequency span is set to FULL SPAN. Under this condition, the instrument
will return to the former span when the rotary knob is rotated.
3. By pushing
, the frequency span is set to ZERO SPAN.
NORMAL
SPAN
FULL
SPAN
ZERO
SPAN
SPAN
1GHz
50MHz
1MHz
F1
F2
F3
F4
F5
F6
FREQ
F6
F5
SPAN
SPAN
F2
F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com