Electronic Components Datasheet Search
  English  ▼

X  

M405 Datasheet(PDF) 5 Page - B&K Precision Corporation

Part # M405
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M405 Datasheet(HTML) 5 Page - B&K Precision Corporation

  M405 Datasheet HTML 1Page - B&K Precision Corporation M405 Datasheet HTML 2Page - B&K Precision Corporation M405 Datasheet HTML 3Page - B&K Precision Corporation M405 Datasheet HTML 4Page - B&K Precision Corporation M405 Datasheet HTML 5Page - B&K Precision Corporation M405 Datasheet HTML 6Page - B&K Precision Corporation M405 Datasheet HTML 7Page - B&K Precision Corporation M405 Datasheet HTML 8Page - B&K Precision Corporation M405 Datasheet HTML 9Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 89 page
background image
iv
12.
VIDEO BANDWIDTH <VBW>------------------------------------------------------ 30
12.1
MANUAL MODE ---------------------------------------------------------------------------- 30
12.2
AUTO MODE -------------------------------------------------------------------------------- 30
12.3
ALL AUTO MODE -------------------------------------------------------------------------- 31
13.
SWEEP AXIS / DETECTION MODE <SWEEP>------------------------------ 31
13.1
MANUAL MODE ---------------------------------------------------------------------------- 31
13.2
AUTO MODE -------------------------------------------------------------------------------- 31
13.3
ALL AUTO MODE -------------------------------------------------------------------------- 31
13.4
SETTING OF DETECTION MODE ---------------------------------------------------------- 31
13.5
SETTING OF TRIGGER SOURCE ---------------------------------------------------------- 32
14.
AUTO TUNING <AUTO TUNE> --------------------------------------------------- 32
15.
HOLD / RUN <HOLD/RUN> -------------------------------------------------------- 32
16.
CALCULATION FUNCTION <CALC> ------------------------------------------- 33
16.1
NORMAL MODE---------------------------------------------------------------------------- 33
16.2
MAX HOLD MODE ------------------------------------------------------------------------- 33
16.3
MIN HOLD MODE -------------------------------------------------------------------------- 33
16.4
AVERAGE MODE -------------------------------------------------------------------------- 34
16.5
OVERWRITE MODE ---------------------------------------------------------------------- 34
16.6
SPURIOUS FREE MODE (2658A ONLY) ---------------------------------------------- 34
17.
MARKER & PEAK SEARCH <MKR> ------------------------------------------- 35
17.1
MOVEMENT AND BASIC FUNCTION OF MARKER --------------------------------------- 36
17.2
NORMAL PEAK SEARCH ------------------------------------------------------------------- 36
17.3
ZONE PEAK SEARCH ----------------------------------------------------------------------- 36
17.4
CHANGE UNIT OF MARKER LEVEL ------------------------------------------------------- 37
18.
SAVE / LOAD <SAVE/LOAD> ---------------------------------------------------- 37
18.1
SELECTION OF STORAGE DEVICE-------------------------------------------------------- 38
18.2
SAVE FUNCTION ---------------------------------------------------------------------------- 39
18.3
ABOUT FILE NAME -------------------------------------------------------------------------- 39
18.4
LOAD FUNCTION ---------------------------------------------------------------------------- 40
18.5
DELETE FUNCTION ------------------------------------------------------------------------- 41
18.6
PRESETTING (INITIALIZATION) ------------------------------------------------------------ 41
19.
MEASURING FUNCTION <MEAS>---------------------------------------------- 42
19.1
CHANNEL POWER MEASUREMNT <CH POWER> ------------------------------------ 42
19.2
ADJACENT CHANNEL LEAKAGE POWER MEASUREMENT <ACP> ------------------ 43
19.3
OCCUPIED BANDWIDTH MEASUREMENT <OBW>------------------------------------- 45
19.4
ELECTRIC FIELD STRENGTH MEASUREMENT <E/F ANT> --------------------------- 45
19.5
MAGNETIC FIELD STRENGTH MEASUREMENT <M/F PROBE> --------------------- 49
19.6
FREQUENCY COUNTER <FREQ COUNT>--------------------------------------------- 51
20.
EMI TEST (2651) ---------------------------------------------------------------------- 51
20.1
ADDITIONAL FUNCTION FOR EMI TEST ------------------------------------------------- 51
20.2
EMI TEST ------------------------------------------------------------------------------------ 52
21.
SCREEN CONTROL <DSPL> ----------------------------------------------------- 54
21.1
SETTING SCREEN DISPLAY COLOR ------------------------------------------------------ 55
21.2
ON/OFF SWITCHING OF LCD BACKLIGHT --------------------------------------------- 55
21.3
ADJUSTING BRIGHTNESS OF LCD BACKLIGHT----------------------------------------- 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com