Electronic Components Datasheet Search
  English  ▼

X  

M405 Datasheet(PDF) 72 Page - B&K Precision Corporation

Part # M405
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M405 Datasheet(HTML) 72 Page - B&K Precision Corporation

Back Button M405 Datasheet HTML 68Page - B&K Precision Corporation M405 Datasheet HTML 69Page - B&K Precision Corporation M405 Datasheet HTML 70Page - B&K Precision Corporation M405 Datasheet HTML 71Page - B&K Precision Corporation M405 Datasheet HTML 72Page - B&K Precision Corporation M405 Datasheet HTML 73Page - B&K Precision Corporation M405 Datasheet HTML 74Page - B&K Precision Corporation M405 Datasheet HTML 75Page - B&K Precision Corporation M405 Datasheet HTML 76Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 89 page
background image
66
6)
Setting RBW
Command : RBW* * *
2650A, 2652A, 2658A :
( * * * * = 3K, 10K, 30K, 100K, 300K, 1M, 3M, AUTO, ALL [ unit : Hz ])
2651 :
( * * * * = 3K, 9K, 30K, 120K, 300K, 1M, 3M, AUTO, ALL [ unit : Hz ])
* ALL : The optimum RBW, VBW, and sweep time are set based on the frequency
span.
* AUTO : The optimum RBW is set based on the frequency span.
Example: RBW3M
Query: RBW?
7)
Setting VBW
Command : VBW* * * *
( * * * * = 100, 300, 1K, 3K, 10K, 30K, 100K, 300K, 1M, AUTO, ALL [ unit : Hz ] )
* ALL : The optimum RBW, VBW and sweep time are set based on the frequency
span.
* AUTO : The optimum RBW is set based on the frequency span.
Example: VBW300
Query: VBW?
8)
Selecting Measuring Function
Command : MEAS* * *
(* * * = CP, ACP, OBW, EF, MF,
FC, OFF)
Example: MEASOBW
(To change measuring function when in
a different measurement mode, set function OFF first by sending MEASOFF)
Query: MEAS?
9)
Request measuring result
Command : MEASRES
* Example of measuring result
Channel power measurement ----- POW: - 25.5 dBm
Adjacent channel power measurement ----- L: - 47.7 dBc U: - 48.3 dBc
Occupied bandwidth measurement ----- C: 1.45 G W: 20.00 k
Frequency counter ----- FC: 2400.0000 M
* If the frequency counter is not installed, “Invalid for F/C” is responded.
* If the level of spectrum is low and unmeasurable, “Non Signal” is
responded.
Command
Measuring function
CP
Channel power measurement
ACP
Adjacent channel power measurement
OBW
Occupied bandwidth measurement
EF
Electric field strength measurement
MF
Magnetic field strength measurement
FC
Frequency counter (factory option)
OFF
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com