Electronic Components Datasheet Search
  English  ▼

X  

M405 Datasheet(PDF) 63 Page - B&K Precision Corporation

Part # M405
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M405 Datasheet(HTML) 63 Page - B&K Precision Corporation

Back Button M405 Datasheet HTML 59Page - B&K Precision Corporation M405 Datasheet HTML 60Page - B&K Precision Corporation M405 Datasheet HTML 61Page - B&K Precision Corporation M405 Datasheet HTML 62Page - B&K Precision Corporation M405 Datasheet HTML 63Page - B&K Precision Corporation M405 Datasheet HTML 64Page - B&K Precision Corporation M405 Datasheet HTML 65Page - B&K Precision Corporation M405 Datasheet HTML 66Page - B&K Precision Corporation M405 Datasheet HTML 67Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 89 page
background image
57
2. Each time
is pressed, T.G. output is alternately switched to ON or OFF.
22.4 Normalizing Function
NORM ON: The input level is made flat to the red line on the screen.
1. When
is pushed, the same function menu as the previous item is displayed.
2. When
is pushed, TG. MODE is set.
3. Each time
is pushed, the normalizing function is alternately switched to ON or OFF.
If the normalizing function is switched to ON, “NORM ON” is displayed on the screen.
* If the setting is changed as follows, the normalizing function is automatically turned off.
· The span is expanded. · The center frequency is changed beyond the range normalized.
( When SPAN is changed from FULL SPAN according to center frequency, it is turned off.)
· The magnetic field strength measurement is selected.
· The AUTO tuning is executed. · The power supply is turned off. · The presetting is executed.
* When the scale is 2 dB or 5 dB, the normalizing function does not operate correctly if the spectrum level is not
displayed at a proper position on the screen.
F1
F2
F3
F4
F5
F6
T.G.
ON
NORM
ON
F1
SWEEP
F6
F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com