Electronic Components Datasheet Search
  English  ▼

X  

M405 Datasheet(PDF) 12 Page - B&K Precision Corporation

Part # M405
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M405 Datasheet(HTML) 12 Page - B&K Precision Corporation

Back Button M405 Datasheet HTML 8Page - B&K Precision Corporation M405 Datasheet HTML 9Page - B&K Precision Corporation M405 Datasheet HTML 10Page - B&K Precision Corporation M405 Datasheet HTML 11Page - B&K Precision Corporation M405 Datasheet HTML 12Page - B&K Precision Corporation M405 Datasheet HTML 13Page - B&K Precision Corporation M405 Datasheet HTML 14Page - B&K Precision Corporation M405 Datasheet HTML 15Page - B&K Precision Corporation M405 Datasheet HTML 16Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 89 page
background image
6
External trigger
Input voltage range
Frequency range
Input coupling
Trigger level
Input RC
Input damage level
Input connector
1 to 10 Vp-p
DC to 5 MHz
DC coupling
approx. 0.56 V(fix)
approx. 10
kΩ / lessthan15 pF
±50 V(DC+AC peak)
SMA(J)
Detection mode
Positive peak, Negative peak, Sample
( QP and AV for model 2651 only.)
 Function
2650A, 2652A, 2658A, 2651 common
Marker measurement
NORM:displays frequency (8digits max) and level (4digits max) at marker point.
DELTA:displays frequency difference and level difference between two markers.
Peak search function
Searches for peak level with all of 10 div (NORM mode) or within ZONE specified
(ZONE mode) and displays frequency and level at peak level, and moreover NEXT peak at
NORM mode.
Calculation function
NORM, MAX HOLD, MIN HOLD, AVERAGE, OVER WRITE
Number of sweeps is 2 to 1024 (power of 2 ) and infinite.
Measuring function
Channel power, Adjacent channel power, Occupied bandwidth, Electric field strength
(needs optional dipole antenna), Magnetic field strength (needs optional magnetic field
probe) and Frequency counter
Auto tuning
When pressing AUTO TUNE key, the spectrum of maximum level within full span is
adjusted to center, and reference level, RBW, VBW and sweep time are set to optimum
parameters.
Save/
Load
Save
Saves 200 spectrums and 200 setting parameters
Load
Loads one spectrum and one setting parameter
 General
2650A, 2652A, 2658A, 2651 common
Input connector
N(J) connector
USB Communication
Protocol
USB version 1.1 (will also work with USB 2.0 devices)
Device Connector
B plug
Transfer rate
12 Mbps
Hard copy
USB printer (option) connected to A plug (host) enables hard copy of screen.
host connector
A plug
Display
Display
5.7 inches and color LCD
Backlight
LED backlight
Number of dots
640(H) x 480(V) dots
Power supply
Dedicated
AC adaptor
Input : 100 to 240 VAC
Output : 9 VDC/2.6 A
Lithium-ion battery
Charge function
Remainder indication
MB400 : 7.4 V/5000 mAh Li-Ion battery
Capable of charging during power-off.
Indicates 4 conditions with two colors LED (red and green).
5 level indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com