Electronic Components Datasheet Search
  English  ▼

X  

SC28L202 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 39Page - NXP Semiconductors SC28L202 Datasheet HTML 40Page - NXP Semiconductors SC28L202 Datasheet HTML 41Page - NXP Semiconductors SC28L202 Datasheet HTML 42Page - NXP Semiconductors SC28L202 Datasheet HTML 43Page - NXP Semiconductors SC28L202 Datasheet HTML 44Page - NXP Semiconductors SC28L202 Datasheet HTML 45Page - NXP Semiconductors SC28L202 Datasheet HTML 46Page - NXP Semiconductors SC28L202 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
37
Modification of the IVR
Bits 7:3
Bits 2:1
Bit 0
Always contains bits (7:3) of the IVR
Will be replaced with current interrupt
type if IVC field of GCCR = 3
Replaced with interrupting channel
number if IVC field of GCCR > 1
The table above indicates how the IVR may be modified by the interrupting source. The modification of the IVR as it is presented to the data bus
during an IACK cycle is controlled by the setting of the bits (2:1) in the GCCR (Global Chip Configuration Register).
GICR – Global Interrupting Channel Register
Bits 7:1
Bit 0
Reserved
Channel code
0 = a
1 = b
A register associated with the interrupting channel as defined in the CIR. It contains the channel number for the interrupting channel.
GIBCR – Global Interrupting Byte Count Register
Bits 7:0
Channel byte count code
00000001 = 1
00000010 = 2
.
11111111 = 255
00000000 = 256
A register associated with the interrupting channel as defined in the
CIR. Its numerical value equals TxEL or RxFL at the time IACKN or
“Update CIR” command was issued . The true number of bytes
ready for transfer to the transmitter or transfer from the receiver. It is
undefined for other types of interrupts
GITR – Global Interrupting Type Register
Bit 7:6
Bit 5
Bit 4:3
Bit 2:0
Receiver Interrupt
Transmitter Interrupt
Reserved
Other types
0x = not receiver
10 = with receive errors
11 = w/o receive errors
0 = not transmitter
1 = transmitter interrupt
read 0x00
000 = not ”other” type
001 = Change of State
010 = Address Recognition Event
011 = Xon/Xoff status
100 = Rx Watchdog
101 = Break Change
110 = Counter Timer
111 = Rx Loop Back Error
A register associated with the interrupting channel as defined in the CIR. It contains the type of interrupt code for all interrupts.
GRxFIFO – Global RxFIFO Register
Bits 7:0
8 data bits of RxFIFO. MSBs set to 0 for 7, 6, 5 bit data
The RxFIFO of the channel indicated in the CIR channel field. Undefined when the CIR interrupt context is not a receiver interrupt.
Global
TxFIFO Register
GTxFIFO – Global TxFIFO Register
Bits 7:0
8 data bits of TxFIFO. MSBs not used for 7, 6, 5 bit data
The TxFIFO of the channel indicated in the CIR channel field. Undefined when the CIR interrupt context is not a transmitter interrupt. Writing to
the GTxFIFO when the current interrupt is not a transmitter event may result in the characters being transmitted on a different channel than
intended.
BCRBRK – Bidding Control Register – Break Change, A and B
Bits 7:0
MSBs of break change interrupt bid
This register provides the 8 MSBs of the Interrupt Arbitration number for a break change interrupt.
BCRCOS – Bidding Control Register – Change of State, A and B
Bits 7:0
MSBs of Change of state detectors (COS) interrupt bid
This register provides the 8 MSBs of the Interrupt Arbitration number for a Change of State, COS, interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com