Electronic Components Datasheet Search
  English  ▼

X  

SC28L202 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 41Page - NXP Semiconductors SC28L202 Datasheet HTML 42Page - NXP Semiconductors SC28L202 Datasheet HTML 43Page - NXP Semiconductors SC28L202 Datasheet HTML 44Page - NXP Semiconductors SC28L202 Datasheet HTML 45Page - NXP Semiconductors SC28L202 Datasheet HTML 46Page - NXP Semiconductors SC28L202 Datasheet HTML 47Page - NXP Semiconductors SC28L202 Datasheet HTML 48Page - NXP Semiconductors SC28L202 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
39
I/OPCR 0 – I/O Port Configuration Register
Bits 7:6
Bits 5:4
Bits 3:2
Bits 1:0
I/O3 A control
I/O2 A control
I/O1 A control
I/O0 A control
00 = GPI / TxC A
01 = OPR[3] A
10 = TxC A (16X) Output
11 = Reserved
00 = GPI / CT 0 Clock Input
01 = OPR[2] A / DTRN A
10 = TxC A (1X) Output
11 = Reserved
00 = GPI / CTSN B
01 = OPR[1] A
10 –
11 = Reserved
00 = GPI / CTSN A
01 = OPR[0] A
10 –
11 = Reserved
I/OPCR 1 – I/O Port Configuration Register
Bits 7:6
Bits 5:4
Bits 3:2
Bits 1:0
I/O7 A control
I/O6 A control
I/O5 A control
I/O4 A control
00 = GPI / CT 1 Clock Input
01 = OPR[7] A / DTRN B
10 = TxC B (1X) Output
11 = Reserved
00 = GPI / RxC B / PBRG 1 Clk Input
01 = OPR[6] A
10 = RxC B (16X) Output
11 = Reserved
00 = GPI / TxC B
01 = OPR[5] A
10 = TxC B (16X) Output
11 = Reserved
00 = GPI / RxC A / PBRG 0 Clk Input
01 = OPR[4] A
10 = RxC A (16X) Output
11 = Reserved
I/OPCR 2 – I/O Port Configuration Register
Bits 7:6
Bits 5:4
Bits 3:2
Bits 1:0
I/O3 B control
I/O2 B control
I/O1 B control
I/O0 B control
00 = GPI /DSRN B
01 = OPR[3] B
10 = RxC B (1X) Output
11 = C/T 0 Output (open
drain)
00 = GPI /DSRN A
01 = OPR[2] B
10 = RxC A (1X) Output
11 = C/T 1 Output (open drain)
00 = GPI
01 = OPR[1] B / RTSN B
10 = Reserved
11 = Reserved
00 = GPI
01 = OPR[0] B / RTSN B
10 = Reserved
11 = Reserved
I/OPCR 3 – I/O Port Configuration Register
Bits 7:6
Bits 5:4
Bits 3:2
Bits 1:0
I/O7 B control
I/O6 B control
I/O5 B control
I/O4 B control
00 = GPI /RIN B
01 = OPR[7] B
10 =TxINTN B (open drain)
11 =reserved
00 = GPI /RIN A
01 = OPR[6] B
10 =TxINTN A (open drain)
11 = reserved
00 = GPI /DCDN B
01 = OPR[5] B
10 = RxINTN B (open
drain)
11 = reserved
00 = GPI /DCDN A
01 = OPR[4] B
10 = RxINTN A (open drain)
11 = reversed
NOTE: Both I/O Port A and B default to input upon a hardware reset to avoid hardware conflicts with I/O direction
The four registers above contain 4, 2 bit fields that set the direction and source for each of the I/O pins associated with the channel. The I/O0 B
or I/O1 B output may be RTSN if MR1[7] is set. It may also signal ”end of transmission” if MR2[5] is set. (Please see the descriptions of these
functions under the MR1 and MR2 register descriptions).
The binary settings of the binary 00 combination always configures the I/O pins as “inputs”. However the input circuit of the I/O pins are
ALWAYS active. In actuality the binary 00 condition only disable the output driver of the pin. Since the input circuit and the associated change of
state detector is always active the output signal may generate interrupts or drive counters.
This register resets to 0x00 on reset, effectively configuring all I/O pins as inputs. Inputs may be used as RxC, TxC inputs or CTSN and General
Purpose Inputs simultaneously. All inputs are equipped with change detectors that may be used to generate interrupts or can be polled, as
required.
SOPR A and SOPR B – Set the Output Port Bits (OPR A and OPR B)
SOPR [7:0] – Ones in the byte written to this register will cause the corresponding bit positions in the OPR to set to 1. Zeros have no effect. This
allows software to set individual bits with our keeping a copy of the OPR bit configuration. One register for each channel.
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Set OPR Bits
OPR 7
OPR 6
OPR 5
OPR 4
OPR 3
OPR 2
OPR 1
OPR 0
1=set bit
0=no
change
1=set bit
0=no
change
1=set bit
0=no
change
1=set bit
0=no change
1=set bit
0=no change
1=set bit
0=no change
1=set bit
0=no change
1=set bit
0=no
change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com